Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 12Page - Texas Instruments LM3673 Datasheet HTML 13Page - Texas Instruments LM3673 Datasheet HTML 14Page - Texas Instruments LM3673 Datasheet HTML 15Page - Texas Instruments LM3673 Datasheet HTML 16Page - Texas Instruments LM3673 Datasheet HTML 17Page - Texas Instruments LM3673 Datasheet HTML 18Page - Texas Instruments LM3673 Datasheet HTML 19Page - Texas Instruments LM3673 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
VPP-C =
4*f*C
IRIPPLE
IRMS = IOUTMAX
The worst case is when VIN = 2 VOUT
(VIN - VOUT) VOUT
L f IOUTMAX VIN
r =
VOUT
VIN
r
2
12
1 -
+
VOUT
VIN
¸¸
¹
·
¨¨
©
§
LM3673
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
www.ti.com
9.2.2.3 Input Capacitor Selection
A ceramic input capacitor of 4.7 µF, 6.3 V is sufficient for most applications. Place the input capacitor as close as
possible to the VIN pin of the device. A larger value may be used for improved input voltage filtering. Use X7R or
X5R types; do not use Y5V. DC bias characteristics of ceramic capacitors must be considered when selecting
case sizes like 0805 and 0603. The minimum input capacitance to ensure good performance is 2.2 µF at 3-V DC
bias; 1.5 µF at 5-V DC bias including tolerances and over ambient temperature range. The input filter capacitor
supplies current to the PFET switch of the LM3673 in the first half of each cycle and reduces voltage ripple
imposed on the input power source. The low ESR of a ceramic capacitor provides the best noise filtering of the
input voltage spikes due to this rapidly changing current. Select a capacitor with sufficient ripple current rating.
The input current ripple can be calculated as:
(8)
Table 3. Suggested Inductors and Their Suppliers
MODEL
VENDOR
DIMENSIONS L × W × H (mm)
DCR (maximum)
COIL
BRL2518T2R2M
Taiyo Yuden
2.5 × 1.8 × 1.2
135 m
Ω
DO3314-222MX
Coilcraft
3.3 × 3.3 × 1.4
200 m
Ω
LPO3310-222MX
Coilcraft
3.3 × 3.3 × 1
150 m
Ω
CDRH2D14-2R2
Sumida
3.2 × 3.2 × 1.55
94 m
Ω
CHIP
KSLI-2520101AG2R2
Hitachi Metals
2.5 × 2 × 1.0
115 m
Ω
LQM31PN2R2M00
Murata
3.2 × 1.6 × 0.95
220 m
Ω
LQM2HPN2R2MJ0
Murata
2.5 × 2 × 1.2
160 m
Ω
9.2.2.4 Output Capacitor Selection
A ceramic output capacitor of 10 µF, 6.3 V is sufficient for most applications. Use X7R or X5R types; do not use
Y5V. DC bias characteristics of ceramic capacitors must be considered when selecting case sizes like 0805 and
0603. DC bias characteristics vary from manufacturer to manufacturer and DC bias curves should be requested
from them as part of the capacitor selection process.
The minimum output capacitance to ensure good performance is 5.75 µF at 1.8-V DC bias including tolerances
and over ambient temperature range. The output filter capacitor smoothes out current flow from the inductor to
the load, helps maintain a steady output voltage during transient load changes and reduces output voltage ripple.
These capacitors must be selected with sufficient capacitance and sufficiently low ESR to perform these
functions.
The output voltage ripple is caused by the charging and discharging of the output capacitor and by the RESR and
can be calculated as:
Voltage peak-to-peak ripple due to capacitance can be expressed as follows:
(9)
Voltage peak-to-peak ripple due to ESR can be expressed as follows:
VPP-ESR = (2 × IRIPPLE) × RESR
Because these two components are out of phase the root mean squared (RMS) value can be used to get an
approximate value of peak-to-peak ripple.
16
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM3673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com