Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 9Page - Texas Instruments LM3673 Datasheet HTML 10Page - Texas Instruments LM3673 Datasheet HTML 11Page - Texas Instruments LM3673 Datasheet HTML 12Page - Texas Instruments LM3673 Datasheet HTML 13Page - Texas Instruments LM3673 Datasheet HTML 14Page - Texas Instruments LM3673 Datasheet HTML 15Page - Texas Instruments LM3673 Datasheet HTML 16Page - Texas Instruments LM3673 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 2.2 µH
VOUT
COUT
10 µF
CIN
4.7 µF
LM3673-
ADJ
VIN
2.7 V to 5.5 V
R1
R2
C1
C2
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 2.2 µH
VOUT
COUT
10 µF
CIN
4.7 µF
LM3673
VIN
2.7 V to 5.5 V
LM3673
www.ti.com
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM3673 is designed for powering low-voltage circuits from a single Li-Ion cell battery and input-voltage rails
from 2.7 V to 5.5 V. The device is internally powered from the VIN pin, and the typical switching frequency is 2
MHz. The LM3673 is available in 1.2-V, 1.5-V, and 1.8-V options. An externally adjustable version is also
available where the output voltage can be set with an external resistor divider to the FB pin.
9.2 Typical Applications
Figure 17. LM3673 Typical Application Circuit
Figure 18. LM3673-ADJ Typical Application Circuit
9.2.1 Design Requirements
For typical step-down DC-DC converter applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.7 V
Output voltage
several fixed options; adjustable
Maximum load current
350 mA
Switching frequency
2 MHz (typical)
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com