Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 3Page - Texas Instruments LM3673 Datasheet HTML 4Page - Texas Instruments LM3673 Datasheet HTML 5Page - Texas Instruments LM3673 Datasheet HTML 6Page - Texas Instruments LM3673 Datasheet HTML 7Page - Texas Instruments LM3673 Datasheet HTML 8Page - Texas Instruments LM3673 Datasheet HTML 9Page - Texas Instruments LM3673 Datasheet HTML 10Page - Texas Instruments LM3673 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
VOUT = 1.5V
IOUT = 10 mA
IOUT = 150 mA
IOUT = 350 mA
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
1.490
1.495
1.500
1.505
1.510
1.515
1.520
1.525
1.530
LM3673
www.ti.com
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
Typical Characteristics (continued)
LM3673TL typical application (Figure 17), VIN = 3.6 V, VOUT= 1.5 V, TA = 25°C, unless otherwise noted.
VOUT = 1.5 V
VOUT = 1.5 V
Figure 7. Output Voltage vs. Supply Voltage
Figure 8. Output Voltage vs. Temperature
VOUT = 1.5 V (PFM to PWM)
VOUT = 1.5 V
Figure 10. Mode Change by Load Transients
Figure 9. Output Voltage vs. Output Current
VOUT = 1.5 V (PWM to PFM)
VOUT = 1.5 V
Output Current= 150 mA
Figure 11. Mode Change by Load Transients
Figure 12. Start-Up into PWM Mode
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com