Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 17Page - Texas Instruments LM3673 Datasheet HTML 18Page - Texas Instruments LM3673 Datasheet HTML 19Page - Texas Instruments LM3673 Datasheet HTML 20Page - Texas Instruments LM3673 Datasheet HTML 21Page - Texas Instruments LM3673 Datasheet HTML 22Page - Texas Instruments LM3673 Datasheet HTML 23Page - Texas Instruments LM3673 Datasheet HTML 24Page - Texas Instruments LM3673 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LM3673
www.ti.com
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
11.2 Layout Example
Figure 28. LM3673 DSBGA Top Layer Board Layout
11.3 DSBGA Package Assembly and Use
Use of the DSBGA package requires specialized board layout, precision mounting and careful re-flow
techniques, as detailed in Texas Instruments Application Note 1112 DSBGA Wafer Level Chip Scale Package
(SNVA009). Refer to the section Surface Mount Technology (SMD) Assembly Considerations. For best results in
assembly, alignment ordinals on the PC board must be used to facilitate placement of the device. The pad style
used with DSBGA package must be the NSMD (non-solder mask defined) type. This means that the solder-mask
opening is larger than the pad size. This prevents a lip that otherwise forms if the solder-mask and pad overlap,
from holding the device off the surface of the board and interfering with mounting. See Application Note 1112
(SNVA009) for specific instructions how to do this. The 5-pin package used for LM3673 has 300-micron solder
balls and requires 10.82 mils pads for mounting on the circuit board. The trace to each pad must enter the pad
with a 90° entry angle to prevent debris from being caught in deep corners. Initially, the trace to each pad must
be 7 mil wide, for a section approximately 7 mil long or longer, as a thermal relief. Then each trace must neck up
or down to its optimal width. The important criteria is symmetry. This ensures the solder bumps on the LM3673
re-flow evenly and that the device solders level to the board. In particular, special attention must be paid to the
pads for bumps A1 and A3, because VIN and GND are typically connected to large copper planes, inadequate
thermal relief can result in late or inadequate re-flow of these bumps.
The DSBGA package is optimized for the smallest possible size in applications with red or infrared opaque
cases. Because the DSBGA package lacks the plastic encapsulation characteristic of larger devices, it is
vulnerable to light. Backside metallization and/or epoxy coating, along with front-side shading by the printed
circuit board, reduce this sensitivity. However, the package has exposed die edges. In particular, DSBGA
devices are sensitive to light, in the red and infrared range, shining on the package’s exposed die edges.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com