Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 13Page - Texas Instruments LM3673 Datasheet HTML 14Page - Texas Instruments LM3673 Datasheet HTML 15Page - Texas Instruments LM3673 Datasheet HTML 16Page - Texas Instruments LM3673 Datasheet HTML 17Page - Texas Instruments LM3673 Datasheet HTML 18Page - Texas Instruments LM3673 Datasheet HTML 19Page - Texas Instruments LM3673 Datasheet HTML 20Page - Texas Instruments LM3673 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
V
PP-RMS
=
V
PP-C
2 + V
PP-ESR
2
LM3673
www.ti.com
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
The peak-to-peak ripple voltage, rms value can be expressed as follow:
(10)
The output voltage ripple is dependent on the inductor current ripple and the equivalent series resistance of the
output capacitor (RESR).
The RESR is frequency dependent (as well as temperature dependent); make sure the value used for calculations
is at the switching frequency of the device.
Table 4. Suggested Capacitors and Their Suppliers
MODEL
TYPE
VENDOR
VOLTAGE RATING
CASE SIZE inch (mm)
4.7 µF for CIN
C2012X5R0J475K
Ceramic, X5R
TDK
6.3 V
0805 (2012)
JMK212BJ475K
Ceramic, X5R
Taiyo-Yuden
6.3 V
0805 (2012)
GRM21BR60J475K
Ceramic, X5R
Murata
6.3 V
0805 (2012)
C1608X5R0J475K
Ceramic, X5R
TDK
6.3 V
0603 (1608)
10 µF for COUT
GRM21BR60J106K
Ceramic, X5R
Murata
6.3 V
0805 (2012)
JMK212BJ106K
Ceramic, X5R
Taiyo-Yuden
6.3 V
0805 (2012)
C2012X5R0J106K
Ceramic, X5R
TDK
6.3 V
0805 (2012)
C1608X5R0J106K
Ceramic, X5R
TDK
6.3 V
0603 (1608)
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com