Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 6Page - Texas Instruments LM3673 Datasheet HTML 7Page - Texas Instruments LM3673 Datasheet HTML 8Page - Texas Instruments LM3673 Datasheet HTML 9Page - Texas Instruments LM3673 Datasheet HTML 10Page - Texas Instruments LM3673 Datasheet HTML 11Page - Texas Instruments LM3673 Datasheet HTML 12Page - Texas Instruments LM3673 Datasheet HTML 13Page - Texas Instruments LM3673 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
VOUT
TIME (200 ns/DIV)
200 mA/DIV
IL
VSW
2V/DIV
10 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 1.5V
IOUT = 150 mA
LM3673
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
www.ti.com
8.3 Feature Description
8.3.1 Circuit Operation
During the first portion of each switching cycle, the control block in the LM3673 turns on the internal PFET
switch. This allows current to flow from the input through the inductor to the output filter capacitor and load. The
inductor limits the current to a ramp with a slope of (VIN – VOUT) / L by storing energy in a magnetic field.
During the second portion of each cycle, the controller turns the PFET switch off, blocking current flow from the
input, and then turns the NFET synchronous rectifier on. The inductor draws current from ground through the
NFET to the output filter capacitor and load, which ramps the inductor current down with a slope of –VOUT / L.
The output filter stores charge when the inductor current is high, and releases it when inductor current is low,
smoothing the voltage across the load.
The output voltage is regulated by modulating the PFET switch on time to control the average current sent to the
load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the switch and
synchronous rectifier at the SW pin to a low-pass filter formed by the inductor and output filter capacitor. The
output voltage is equal to the average voltage at the SW pin.
8.3.2 PWM Operation
During PWM operation the converter operates as a voltage-mode controller with input voltage feed forward. This
allows the converter to achieve good load and line regulation. The DC gain of the power stage is proportional to
the input voltage. To eliminate this dependence, feed forward inversely proportional to the input voltage is
introduced.
While in PWM mode, the output voltage is regulated by switching at a constant frequency and then modulating
the energy per cycle to control power to the load. At the beginning of each clock cycle the PFET switch is turned
on and the inductor current ramps up until the comparator trips and the control logic turns off the switch. The
current limit comparator can also turn off the switch in case the current limit of the PFET is exceeded. Then the
NFET switch is turned on and the inductor current ramps down. The next cycle is initiated by the clock turning off
the NFET and turning on the PFET.
Figure 14. Typical PWM Operation
8.3.3 Internal Synchronous Rectification
While in PWM mode, the LM3673 uses an internal NFET as a synchronous rectifier to reduce rectifier forward
voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM3673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com