Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 7Page - Texas Instruments LM3673 Datasheet HTML 8Page - Texas Instruments LM3673 Datasheet HTML 9Page - Texas Instruments LM3673 Datasheet HTML 10Page - Texas Instruments LM3673 Datasheet HTML 11Page - Texas Instruments LM3673 Datasheet HTML 12Page - Texas Instruments LM3673 Datasheet HTML 13Page - Texas Instruments LM3673 Datasheet HTML 14Page - Texas Instruments LM3673 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
VOUT
TIME (4 Ps/DIV)
200 mA/DIV
IL
VSW
2V/DIV
20 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 1.5V
IOUT = 20 mA
LM3673
www.ti.com
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
Feature Description (continued)
8.3.4 Current Limiting
A current limit feature allows the LM3673 to protect itself and external components during overload conditions.
PWM mode implements current limiting using an internal comparator that trips at 750 mA (typical). If the output is
shorted to ground the device enters a timed current limit mode where the NFET is turned on for a longer duration
until the inductor current falls below a low threshold. This allows the inductor current more time to decay, thereby
preventing runaway.
8.3.5 Soft Start
The LM3673 has a soft-start circuit that limits in-rush current during start-up. During start-up the switch current
limit is increased in steps. Soft start is activated only if EN goes from logic low to logic high after VIN reaches 2.7
V. Soft start is implemented by increasing switch current limit in steps of 70 mA, 140 mA, 280 mA, and 750 mA
(typical switch current limit). The start-up time thereby depends on the output capacitor and load current. Typical
start-up time with a 10-µF output capacitor and 150-mA load is 280 µs; with a 5-mA load start-up time is 240 µs.
8.3.6 Low Drop Out Operation (LDO)
The LM3673-ADJ can operate at 100% duty cycle (no switching; PMOS switch completely on) for LDO support of
the output voltage. In this way the output voltage is controlled down to the lowest possible input voltage. When
the device operates near 100% duty cycle, output voltage ripple is approximately 25 mV.
The minimum input voltage needed to support the output voltage is:
VIN, MIN = ILOAD × (RDSON, PFET + RINDUCTOR) + VOUT
where
•
ILOAD: Load current
•
RDSON, PFET: Drain-to-source resistance of PFET switch in the triode region
•
RINDUCTOR: Inductor resistance
(1)
8.4 Device Functional Modes
8.4.1 PFM Operation
At very light load, the converter enters PFM mode and operates with reduced switching frequency and supply
current to maintain high efficiency.
The part automatically transitions into PFM mode when either of two conditions occurs for a duration of 32 or
more clock cycles:
•
The NFET current reaches zero.
•
The peak PMOS switch current drops below the IMODE level (typically IMODE < 30 mA + VIN / 42 Ω ).
Figure 15. Typical PFM Operation
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com