Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 5Page - Texas Instruments LM3673 Datasheet HTML 6Page - Texas Instruments LM3673 Datasheet HTML 7Page - Texas Instruments LM3673 Datasheet HTML 8Page - Texas Instruments LM3673 Datasheet HTML 9Page - Texas Instruments LM3673 Datasheet HTML 10Page - Texas Instruments LM3673 Datasheet HTML 11Page - Texas Instruments LM3673 Datasheet HTML 12Page - Texas Instruments LM3673 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2-MHz
Oscillator
Soft
Start
Ramp
Generator
Thermal
Shutdown
Undervoltage
Lockout
Frequency
Compensation
+
-
Error
Amp
Control Logic
Driver
Current Limit
Comparator
Ref1
PFM Current
Comparator
Ref2
SW
Zero Crossing
Comparator
FB
EN
VIN
PWM Comparator
pfm_low
pfm_hi
GND
Bandgap
+
-
VCOMP
1 V
Fixed Version
ADJ Version
+
-
0.5 V
+
-
+
-
VREF
LM3673
www.ti.com
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
The LM3673, a high-efficiency step-down DC-DC switching buck converter, delivers a constant voltage from a
single Li-Ion battery and input voltage ranging from 2.7 V to 5.5 V to portable devices such as cell phones and
PDAs. Using a voltage mode architecture with synchronous rectification, the LM3673 has the ability to deliver up
to 350 mA depending on the input voltage, output voltage, ambient temperature and the inductor chosen.
There are three modes of operation depending on the current required: pulse width modulation (PWM), pulse
frequency modulation (PFM), and shutdown. The device operates in PWM mode at load current of approximately
80 mA or higher. Lighter load current cause the device to automatically switch into PFM for reduced current
consumption (IQ = 16 µA typical) and a longer battery life. Shutdown mode turns off the device, offering the
lowest current consumption (ISHUTDOWN = 0.01 µA typical).
Additional features include soft-start, undervoltage protection, current overload protection, and thermal shutdown
protection. As shown in Figure 17, only three external power components are required for implementation. The
part uses an internal reference voltage of 0.5 V. It is recommended to keep the part in shutdown until the input
voltage is 2.7 V or higher.
8.2 Functional Block Diagram
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com