Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3673 Datasheet HTML 8Page - Texas Instruments LM3673 Datasheet HTML 9Page - Texas Instruments LM3673 Datasheet HTML 10Page - Texas Instruments LM3673 Datasheet HTML 11Page - Texas Instruments LM3673 Datasheet HTML 12Page - Texas Instruments LM3673 Datasheet HTML 13Page - Texas Instruments LM3673 Datasheet HTML 14Page - Texas Instruments LM3673 Datasheet HTML 15Page - Texas Instruments LM3673 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
High PFM Threshold
~1.017*Vout
Low1 PFM Threshold
~1.006*Vout
PFM Mode at Light Load
PWM Mode at
Moderate to Heavy
Loads
Pfet on
until
Ipfm limit
reached
Nfet on
drains
conductor
current
until
I inductor=0
High PFM
Voltage
Threshold
reached,
go into
sleep mode
Low PFM
Threshold,
turn on
PFET
Current load
increases,
draws Vout
towards
Low2 PFM
Threshold
Low2 PFM Threshold,
switch back to PWMmode
Load current
increases
Low2 PFM Threshold
Vout
LM3673
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
www.ti.com
Device Functional Modes (continued)
During PFM operation, the converter positions the output voltage slightly higher than the nominal output voltage
during PWM operation, allowing additional headroom for voltage drop during a load transient from light to heavy
load. The PFM comparators sense the output voltage via the FB pin and control the switching of the output FETs
such that the output voltage ramps from approximately 0.6% to approximately 1.7% above the nominal PWM
output voltage. If the output voltage is below the high PFM comparator threshold, the PMOS power switch is
turned on. It remains on until the output voltage reaches the high PFM threshold or the peak current exceeds the
IPFM level set for PFM mode. The typical peak current in PFM mode is: IPFM = 112 mA + VIN / 27 Ω .
Once the PMOS power switch is turned off, the NMOS power switch is turned on until the inductor current ramps
to zero. When the NMOS zero-current condition is detected, the NMOS power switch is turned off. If the output
voltage is below the high PFM comparator threshold (see Figure 16), the PMOS switch is again turned on and
the cycle is repeated until the output reaches the desired level. Once the output reaches the high PFM threshold,
the NMOS switch is turned on briefly to ramp the inductor current to zero and then both output switches are
turned off and the part enters an extremely low power mode. Quiescent supply current during this sleep mode is
16 µA (typical), which allows the device to achieve high efficiency under extremely light load conditions.
If the load current increases during PFM mode (see Figure 16) causing the output voltage to fall below the Low 2
PFM threshold, the device automatically transitions into fixed-frequency PWM mode. When VIN = 2.7 V, the
device transitions from PWM mode to PFM mode at approximately 35-mA output current and from PFM mode to
PWM mode at approximately 85 mA. When VIN = 3.6 V, PWM-to-PFM transition happens at approximately 50
mA and PFM-to-PWM transition happens at approximately 100mA. When VIN = 4.5 V, PWM-to-PFM transition
happens at approximately 65 mA and PFM-to-PWM transition happens at approximately 115 mA.
Figure 16. Operation in PFM Mode and Transfer to PWM Mode
8.4.2 Shutdown Mode
Setting the EN input pin low (< 0.4 V) places the LM3673 in shutdown mode. During shutdown the PFET switch,
NFET switch, reference, control, and bias circuitry of the LM3673 are turned off. Setting EN high (> 1 V) enables
normal operation. Setting the EN pin low is recommended to turn off the LM3673 during system power up and
undervoltage conditions when the supply is less than 2.7 V. Do not leave the EN pin floating.
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM3673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com