Electronic Components Datasheet Search
  English  ▼

X  

LM3673 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3673
Description  2-MHz, 350-mA Step-Down DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3673 Datasheet(HTML) 1 Page - Texas Instruments

  LM3673 Datasheet HTML 1Page - Texas Instruments LM3673 Datasheet HTML 2Page - Texas Instruments LM3673 Datasheet HTML 3Page - Texas Instruments LM3673 Datasheet HTML 4Page - Texas Instruments LM3673 Datasheet HTML 5Page - Texas Instruments LM3673 Datasheet HTML 6Page - Texas Instruments LM3673 Datasheet HTML 7Page - Texas Instruments LM3673 Datasheet HTML 8Page - Texas Instruments LM3673 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 2.2 µH
VOUT
COUT
10 µF
CIN
4.7 µF
LM3673
VIN
2.7 V to 5.5 V
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 2.2 µH
VOUT
COUT
10 µF
CIN
4.7 µF
LM3673-
ADJ
VIN
2.7 V to 5.5 V
R1
R2
C1
C2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3673
SNVS434L – JULY 2006 – REVISED OCTOBER 2015
LM3673 2-MHz, 350-mA Step-Down DC-DC Converter
1 Features
3 Description
The
LM3673
step-down
DC-DC
converter
is
1
•
16-µA Typical Quiescent Current
optimized for powering low voltage circuits from a
•
350-mA Maximum Load Capability
single Li-Ion cell battery and input voltage rails from
•
2-MHz PWM Fixed Switching Frequency (Typical)
2.7 V to 5.5 V. It provides up to 350-mA load current
over the entire input voltage range. There are several
•
Automatic PFM/PWM Mode Switching
different fixed voltage output options available, as
•
Available in Fixed and Adjustable Output Voltages
well as an adjustable output voltage version ranging
•
Internal Synchronous Rectification for High
from 1.1 V to 3.3 V.
Efficiency
The device offers superior features and performance
•
Internal Soft Start
for mobile phones and similar portable systems. The
•
0.01-µA Typical Shutdown Current
LM3673 uses intelligent automatic switching between
pulse width modulation (PWM) and pulse frequency
•
Operates From a Single Li-Ion Cell Battery
modulation (PFM) for better efficiency. During PWM
•
Current Overload and Thermal Shutdown
mode, the device operates at a fixed-frequency of
Protection
2 MHz (typical). Hysteretic PFM mode extends the
•
Only Three Tiny Surface-Mount External
battery life by reducing the quiescent current to 16 µA
Components Required (One Inductor, Two
(typical) during light load and standby operation.
Ceramic Capacitors)
Internal
synchronous
rectification
provides
high
efficiency during PWM mode operation. In shutdown
mode, the device turns off and reduces battery
2 Applications
consumption to 0.01 µA (typical).
•
Mobile Phones
The LM3673 is available in a tiny 5-pin DSBGA
•
PDAs
package. A high switching frequency of 2 MHz
•
MP3 Players
(typical) allows the use of three tiny surface-mount
•
W-LAN
components: an inductor and two ceramic capacitors.
•
Portable Instruments
Device Information(1)
•
Digital Still Cameras
PART NUMBER
PACKAGE
BODY SIZE (MAX)
•
Portable Hard Disk Drives
LM3673
DSBGA (5)
1.413 mm × 1.083 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit for ADJ Version
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3673 TI1-LM3673 Datasheet
5Mb / 23P
2MHz, 350mA Step-Down DC-DC Converter
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
2MHz, 350mA Step-Down DC-DC Converter
More results

Similar Description - LM3673

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
logo
Texas Instruments
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
LM3676 TI-LM3676_15 Datasheet
3Mb / 25P
2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com