Electronic Components Datasheet Search
  English  ▼

X  

AS1860 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
10
59
INTB /
AT_DET
OD
INTB in Software Mode. The I2C interface interrupts output, active low. The open drain
output allows user defined voltage output high level.
AT_DET in Hardware Mode. It is the PoE+ (802.3at) PSE detect indication output. A
High level output indicates connection to either a Type 2 PSE or to a Local Power
supply. The output is open drain, active High. If a Type 1 PSE is connected, the output
of AT_DET remains in the inactive state (Low).
Secondary Side: Inputs & Outputs
60
CLK_IN
I, PU
DC coupled clock input for timing of Primary and Secondary DC-DC regulators &
controllers if synchronizing to an external time source is desired. Nominally sourced
from the local Ethernet master clock.
54
PGOOD
OD
Logical “AND” of global power good & watchdog status.
High = All enabled voltages (#1 with any or all of #2, #3, and #4) are within voltage
spec and there is presently no watchdog timeout. Low = one or more of enabled
voltages out of spec, or, the watchdog has timed out.
Note that PGOOD operation is different for Hardware and Software modes of operation
(selected by the MODE input). For Hardware mode PGOOD operation details see
HW
Mode Power Monitoring (PGOOD). For Software mode PGOOD operation details
see
SW Mode Power Status Monitoring (PGOOD).
55
WDOG
I
Watchdog timer input, used for hardware reset of the watchdog timer (if enabled).
Serviced with a transition of either polarity.
Secondary I/O: Miscellaneous
49
SEC_EN
I, PU
Secondary-side Enable. A capacitor on this input to SGND is required.
1
I = Input, O = Output, I/O = Bidirectional, PU = Internal pull-up, PD = Internal pull-down, P = Power,
A = Analog, D = Digital, OD = Open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com