Electronic Components Datasheet Search
  English  ▼

X  

AS1860 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 42Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 43Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 44Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 45Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 46Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 47Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 48Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 49Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
46
POE POWER-ON SEQUENCE
The power-on sequence for PoE operation is shown in Figure 29. The waveform reflects typical voltages present at the
PD during signature, classification and power-on.
Figure 35 - PoE Power-On Sequence Waveform
1. Voltages V1 and V2 are applied by the PSE to extract a signature value.
2. The PSE takes current/impedance readings during Class/Mark Events to determine the class of the PD. At this time, the PD presents a load
current determined by the resistance connected to the RCLASS pin.
3. After the PSE measures the PD load current, if it is a high-power PSE, it presents a mark voltage (6.9-10V), followed by a second classification
voltage. The PD responds by presenting a load current as determined by the resistor on the RCLASS pin. After the PSE measures the PD load
current the second time and determines that is can deliver the requested power, it moves into the On state by raising the voltage to approximately
42V after which the PD operates over the On Range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com