Electronic Components Datasheet Search
  English  ▼

X  

AS1860 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
8
Table 2 - AS1860 Signal Descriptions - Secondary Side
Pin
Name
I/O1
Description
Secondary-Side: Common Power Pins
Paddle
#3
SGND
P
Secondary-side ground connection. One of three bottom side device connections, SGND
(Paddle #3) is the Secondary-side ground connection.
37, 38
VP
P
#2, #3, #4 DC-DC regulators and controller power inputs, internally connected together. Must
be connected externally to the same source, nominally Output #1
46
VDD3V_OSEC
P
Internal Buck power regulator output. Must be decoupled and used for the VDD3V_ISEC (pin
58) power source. VDD3V_OSEC can also be used for additional 3.3V secondary-side
platform power (pull-ups, etc.); see Electrical Characteristics for supply limits.
58
VDD3V_ISEC
P
Secondary-side 3.3V power input. This must be sourced from VDD3V_OSEC (pin 46).
Secondary-Side: Synchronous Rectification Controller (Output #1)
47
VDD_SYNC
A
Sync FET power decoupling node. Decouple with an external capacitor, VDD_SYNC to
SGND. This node is nominally 5V.
51
FB1
A
Controller voltage feedback input.
53
ISENSES
A
Controller secondary-side sync switches node current sense. Sensed signal is used to
control the external secondary-side power FET, making it an efficient power diode.
50
COMP1
A
Controller compensation network connection.
48
SYNC_OUT
A
Controller sync gate drive output. Used for secondary-side synchronization in conjunction
with the primary-side controller.
52
AGND1
P
Controller secondary-side sense ground, used for both differential feedback and differential
current sensing. Should be routed differentially, as the pairs of FB1 & AGND1 and ISENSES
& AGND1.
Secondary-Side: Regulator (Output #2)
41
AGND2
P
Sense ground for the Output #2, should be routed together with FB2 for differential feedback
sensing and then tied to ground at the feedback resistor. If Output #2 is not used, AGND2
should still be tied to SGND.
39
LX2
A
Regulator switches node output. If Output #2 is not used, float LX2 (no user connection).
40
FB2
A
Regulator voltage feedback input, also used to disable Output #2 (see EN2).
5
MODE
I
The MODE pin selects the device operation mode at power-on.
For Hardware Mode Operation:
–
Mode 1 = Reset mode
o
Mode 1 is selected by holding the MODE pin Low (MODE to 48N).
–
Mode 2 = HW Operating Mode
o
Mode 2 is selected with a pull-up resistor (17.8K
 max) from MODE to
VDD3V_OUT plus a required power-on reset capacitor from MODE to
48N.
For Software Mode Operation:
–
Mode 1 = Reset mode
o
Mode 1 is selected by holding the MODE pin Low (MODE to 48N).
–
Mode 2 = SW Operating Mode with I²C device address per I2C_ADR pin setting
o
Mode 2 is selected with a required power-on reset capacitor from MODE
to 48N.
Primary-Side: Miscellaneous
22
TEST1
Must be pulled down to 48RTN with a resistor (4.7K
-100K).
9, 10
NC
No User Connection. Must be floated.
1
I = Input, O = Output, I/O = Bidirectional, PU = Internal pull-up, PD = Internal pull-down, P = Power,
A = Analog, D = Digital, OD = Open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com