Electronic Components Datasheet Search
  English  ▼

X  

AS1860 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS1860 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
GENERAL DESCRIPTION
The AS1860 integrates Akros GreenEdge™ Isolation technology
with next generation Power-over-Ethernet (PoE) PD and integrated
isolated high speed digital communication to deliver up to 90W to an
isolated secondary side comprising of four independent outputs.
Delivering 90W enables a new range of PoE PD capabilities and
solutions which greatly expands the markets for PoE.
The AS1860’s 90W capability is fully backwards compatible with
Type 1 (IEEE® 802.3af) and Type 2 (IEEE® 802.3at) compliant PD.
This is integrated with high-voltage isolation and quad-output digital
power DC-DC converters – resulting in a complete PoE & Power
management solution in a single device with minimal external
components.
In addition to enabling digital PoE power conversion, Akros
GreenEdge
™ isolation enables direct digital management of both
isolated Primary power and Secondary system power for real time
end-to-end Green Power application capabilities.
TYPICAL APPLICATIONS
Voice-over-IP (VoIP) phones
Wireless LAN & WiMAX access points (WAP)
Pan, Tilt, Zoom (PTZ) Cameras, IP cameras
Thin-client and notebook computers
Fiber-to-the-home (FTTH) terminals
Point-of-sale (PoS) terminals, RFID readers
SIMPLIFIED APPLICATION DIAGRAM
FEATURES
PoE PD Controller 
Fully Integrated 60/90W PD controller
Backwards compatible with Type 1 and Type 2 IEEE®
802.3af/at Compliant PD
60/90W power up can be controlled by PSE or AS1860
AS1860 will control safe 60/90W delivery from “Dumb” sources
4-pair power detection & secondary side logic notification
Automatic Type 1, Type2 & 60W PoE detection in HW & I2C
Modes
Low Resistance PD Power FET Switch (0.5
 typical)
Primary‐Side DC‐DC Controller 
High-efficiency DC-DC Controller with Digital Optimization
Primary-Secondary High-voltage integrated Digital Isolation
Programmable Primary Clock Frequency
Local-power operation down to 9.5V
Secondary‐Side Power Outputs
Programmable PWM Frequencies synched to External Clock
Output #1: Sync Controller with programmable power-FET
timing for high efficiency at both light and full load
Outputs #2 & #3: Buck Regulators w/2A FETs
Output #4: DC-DC Controller for Buck, Boost, or LED Boost
platform applications
Power Management
Hardware programmable start-up power sequencing
Primary-side power monitoring & control from Secondary-side
Individual output Power-Good management
Voltage margining for each output
Primary GPIO/ADC controlled via Secondary GPIO or I2C
5V µC-compatible with interrupt on alarm services
Programmable watchdog timer
EMC Compliance and Protection
Slew-rate-controlled power drivers
Multi-phased PWM clocking, with External Sync clock option
Optional spread-spectrum clocking available for all PWMs
Over-current, Under/Over-voltage and Short-circuit Protection
High-temperature warning and shutdown
Meets IEC 61000-4-2/3/4/5/6, IEC60747, IEC 60950, DIN
EN60747-5-2 (VDE0884), & UL1577 requirements for EMC
compliance and basic isolation to 2120 VDC (1500 VRMS)
100V Process for PoE transient voltage robustness
AS1860 — 60W/90W PoE PD Controllers with HV Isolation
and Quad DC-DC Outputs


Similar Part No. - AS1860

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS186-302 ALPHA-AS186-302 Datasheet
122Kb / 3P
GaAs IC High Isolation Positive Control SPDT Non-Reflective Switch DC-4.0 GHz
logo
Skyworks Solutions Inc.
AS186-302 SKYWORKS-AS186-302 Datasheet
241Kb / 5P
GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
AS186-302LF SKYWORKS-AS186-302LF Datasheet
241Kb / 5P
GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
AS186-302LF SKYWORKS-AS186-302LF Datasheet
613Kb / 7P
GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
AS186-302LF SKYWORKS-AS186-302LF_15 Datasheet
652Kb / 7P
Three-switch solution for base station synthesizer switch
More results

Similar Description - AS1860

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
logo
List of Unclassifed Man...
AS1854 ETC2-AS1854 Datasheet
1Mb / 52P
Digital Power PoE PD Controllers
logo
XFMRS Inc.
XFVOIP-23 XFMRS-XFVOIP-23 Datasheet
62Kb / 1P
60W POE XFMR
XFVOIP-23B XFMRS-XFVOIP-23B Datasheet
57Kb / 1P
60W POE XFMR
XFVOIP-460 XFMRS-XFVOIP-460 Datasheet
62Kb / 1P
60W POE XFMR
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Silver Telecom 2019
AG5810 SILVERTEL-AG5810 Datasheet
689Kb / 22P
60W IEEE802.3bt PD Module
logo
Microchip Technology
PD-9501G-SFP MICROCHIP-PD-9501G-SFP Datasheet
494Kb / 2P
PoE Media Converter, 60W PoE Output
7/21
logo
Advantech Co., Ltd.
EKI-2701MPI-R ADVANTECH-EKI-2701MPI-R Datasheet
294Kb / 2P
HDBaseT Gigabit 60W PoE Extender
12-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com