Electronic Components Datasheet Search
  English  ▼

X  

AS1860 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 21Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 22Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 23Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
20
PD CONTROLLER
Figure 9 - AS1860 PD Controller Block Diagram
The AS1860 contains a fully integrated PD Controller (see
Figure 9) that meets all system requirements for the IEEE®
802.3 standard for Ethernet, and, all PD power management
requirements for IEEE® Standards 802.3af and 802.3at and
for the emerging 60/90W standard. 60W/90W power delivery
can be implemented in a number of ways using the AS1860’s
flexible architecture. See the Power over Ethernet overview
on page 43 in this datasheet for additional PoE information.
PD Power MOSFET
Ethernet power source current is controlled with an
integrated low-leakage, low RDSON, NMOS power MOSFET
that is used to connect the 48RTN and 48N ground planes. If
necessary the FET is throttled back or switched off to protect
the AS1860 from damage due to problematic voltage,
current, or temperature related conditions. For power levels
greater than the AF or AT standards, an external power FET
is placed in parallel with the internal FET. Gate control of this
external FET is detailed in the 60/90W applications section.
Under-voltage Lockout (UVLO)
The UVLO circuitry detects low power source voltage
conditions and disconnects the power MOSFET to protect
the PD (see full power voltage activation and deactivation
threshold specifications in the PD Electrical Characteristics).
PoE Current Limit/Current Sense
Current Limit/Current Sense circuitry minimizes on-device
temperature peaks by limiting both inrush current and
operating current. It monitors the current via an integrated
sense circuit that regulates the gate voltage to the PD Power
MOSFET.
This inrush current limiting maintains the cable voltage above
the turn-off threshold as the input capacitor charges, an
action that aids in preventing the PSE from going into current
limit mode.
The PoE current limit is set by the CLIM input pin during PoE
operating modes. When CLIM is set Low (48RTN) current is
limited to 350mA (min); when High, 720mA (min). If the
maximum primary current is exceeded, control of the internal
PD Power MOSFET is used to protect the system from
overload. In Local Power mode (LDET active), this CLIM
based current control is not used (primary side external FET
sensed current control can always be used).
Over-temperature Protection
If die temperature exceeds 140°C (typ) the AS1860 is shut
down. Power is automatically reapplied when the die
temperature returns to 100°C (typ).
PD Operating States
The AS1860 has five states of PD operation:
–
Reset
- The classification state machine is reset, and
all circuitry blocks are disabled.
–
Signature Detection
- The PD signature resistance is
applied across the input.
–
Classification
- The AS1860 indicates power
requirements to the PSE.
–
Idle
- This state is entered after classification, where it
remains until full-power input voltage is applied.
–
ON
- The PD is enabled, and supplies power to the
DC-DC controller and the local application circuitry. In
this state the PD also provides a Maintain Power
Signature (MPS) state as required by the IEEE® PoE
standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com