Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 14Page - Texas Instruments DLPC6401 Datasheet HTML 15Page - Texas Instruments DLPC6401 Datasheet HTML 16Page - Texas Instruments DLPC6401 Datasheet HTML 17Page - Texas Instruments DLPC6401 Datasheet HTML 18Page - Texas Instruments DLPC6401 Datasheet HTML 19Page - Texas Instruments DLPC6401 Datasheet HTML 20Page - Texas Instruments DLPC6401 Datasheet HTML 21Page - Texas Instruments DLPC6401 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Power Up
80%
50%
20%
PWRGOOD
tt1
POSENSE
80%
50%
20%
DC Power Supplies
80%
50%
20%
tt1
80%
50%
20%
tw1(L)
tt2
tc
tw(H)
tw(L)
MOSC
50%
50%
50%
20%
20%
80%
80%
tt
tt
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
6.14 Synchronous Serial Port (SSP) Interface Switching Characteristics
over recommended operating conditions, CL (min timing) = 5 pF, CL (max timing) = 35 pF (unless otherwise noted) (see
Figure 10)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
MIN
MAX
UNIT
ƒclock
Clock frequency, SSP0_CLK (1)(2)
N/A
SSP0_CLK
0.287
9333
kHz
tc
Cycle time, SSP0_CLK
N/A
SSP0_CLK
0.107
3483
us
tw(H)
Pulse duration, high 50% to 50% reference points
N/A
SSP0_CLK
48
ns
(signal)
tw(L)
Pulse duration, low 50% to 50% reference points
N/A
SSP0_CLK
48
ns
(signal)
tpd
Output propagation, clock to Q, SSP0_TXD
SSP0_CLK
↑
SSP0_TXD
–5
5
ns
ƒclock
Clock frequency, SSP1_CLK (1)(2)
N/A
SSP1_CLK
2.296
74667
kHz
tc
Cycle time, SSP1_CLK
N/A
SSP1_CLK
0.013
436
us
tw(H)
Pulse duration, high 50% to 50% reference points
N/A
SSP1_CLK
5.85
ns
(signal)
tw(L)
Pulse duration, low 50% to 50% reference points
N/A
SSP1_CLK
5.85
ns
(signal)
tpd
Output propagation, clock to Q, SSP1_TXD
SSP1_CLK
↑
SSP1_TXD
–2
2
ns
(1)
SSP output timing supports both positive and negative clocking polarity. Figure 10 shows only positive clocking polarity. When the clock
polarity is configured through software to be negative, the data is transferred and captured on the opposite edge of the clock shown.
(2)
The maximum rates shown apply to master mode operation only. Slave mode operation is limited to 1/6 of these rates.
6.15
JTAG Interface: I/O Boundary Scan Application Switching Characteristics
Over operating free-air temperature range, CL (min timing) = 5 pF, CL (max timing) = 85 pF (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
MIN
TYP
MAX
UNIT
tpd
Output propagation, clock to Q
TCK
↓
TDO1
3
12
ns
Figure 1. System Oscillators
PWRGOOD has no impact on operation for 60 ms after rising edge of POSENSE.
Figure 2. Power Up
18
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com