Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 2Page - Texas Instruments DLPC6401 Datasheet HTML 3Page - Texas Instruments DLPC6401 Datasheet HTML 4Page - Texas Instruments DLPC6401 Datasheet HTML 5Page - Texas Instruments DLPC6401 Datasheet HTML 6Page - Texas Instruments DLPC6401 Datasheet HTML 7Page - Texas Instruments DLPC6401 Datasheet HTML 8Page - Texas Instruments DLPC6401 Datasheet HTML 9Page - Texas Instruments DLPC6401 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
Pin Functions (continued)
PIN(1)
I/O (2)
INTERNAL TERMINATION
CLK SYSTEM
DESCRIPTION
NAME
NO.
POWER
TYPE
P1_C_7
R19
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 C channel input pixel data (bit weight 32)
P1_C_6
R20
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 C channel input pixel data (bit weight 16)
P1_C_5
R21
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 C channel input pixel data (bit weight 8)
P1_C_4
R22
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 C channel input pixel data (bit weight 4)
P1_C_3
T21
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 C channel input pixel data (bit weight 2)
P1_C_2
T20
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 C channel input pixel data (bit weight 1)
P1_C_1
T19
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 C channel input pixel data (bit weight 0.5)
P1_C_0
U22
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 C channel input pixel data (bit weight 0.25)
PORT 2: FPD-LINK COMPATIBLE VIDEO AND GRAPHICS INPUT(6)
Includes weak internal
Positive differential input signal for clock, FPD-Link
RCK_IN_P
Y9
VDD33_FPD
I5
N/A
pulldown
receiver
Includes weak internal
Negative differential input signal for clock, FPD-Link
RCK_IN_N
W9
VDD33_FPD
I5
N/A
pulldown
receiver
Includes weak internal
Positive differential input signal for data channel A,
RA_IN_P
AB10
VDD33_FPD
I5
RCK_IN
pulldown
FPD-Link receiver
Includes weak internal
Negative differential input signal for data channel A,
RA_IN_N
AA10
VDD33_FPD
I5
RCK_IN
pulldown
FPD-Link receiver
Includes weak internal
Positive differential input signal for data channel B,
RB_IN_P
Y11
VDD33_FPD
I5
RCK_IN
pulldown
FPD-Link receiver
Includes weak internal
Negative differential input signal for data channel B,
RB_IN_N
W11
VDD33_FPD
I5
RCK_IN
pulldown
FPD-Link receiver
Includes weak internal
Positive differential input signal for data channel C,
RC_IN_P
AB12
VDD33_FPD
I5
RCK_IN
pulldown
FPD-Link receiver
Includes weak internal
Negative differential input signal for data channel C,
RC_IN_N
AA12
VDD33_FPD
I5
RCK_IN
pulldown
FPD-Link receiver
Includes weak internal
Positive differential input signal for data channel D,
RD_IN_P
Y13
VDD33_FPD
I5
RCK_IN
pulldown
FPD-Link receiver
Includes weak internal
Negative differential input signal for data channel D,
RD_IN_N
W13
VDD33_FPD
I5
RCK_IN
pulldown
FPD-Link receiver
Includes weak internal
Positive differential input signal for data channel E,
RE_IN_P
AB14
VDD33_FPD
I5
RCK_IN
pulldown
FPD-Link receiver
Includes weak internal
Negative differential input signal for data channel E,
RE_IN_N
AA14
VDD33_FPD
I5
RCK_IN
pulldown
FPD-Link receiver
(6)
Port 2 is a single-channel FPD-Link compatible input interface. FPD-Link is a defacto industry standard FPD interface, which uses the
high-bandwidth capabilities of LVDS signaling to serialize video and graphics data down to a couple wires to provide a low-wire count
and low-EMI interface. Port 2 supports source rates up to a maximum effective clock of 90 MHz. The port 2 input pixel data must adhere
to one of four supported data mapping formats (see Table 2). Given that port 2 inputs contain weak pulldown resistors, they can be left
floating when not used.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com