Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 32Page - Texas Instruments DLPC6401 Datasheet HTML 33Page - Texas Instruments DLPC6401 Datasheet HTML 34Page - Texas Instruments DLPC6401 Datasheet HTML 35Page - Texas Instruments DLPC6401 Datasheet HTML 36Page - Texas Instruments DLPC6401 Datasheet HTML 37Page - Texas Instruments DLPC6401 Datasheet HTML 38Page - Texas Instruments DLPC6401 Datasheet HTML 39Page - Texas Instruments DLPC6401 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
Layout Guidelines (continued)
High-frequency decoupling is required for both 1.2-V and 1.8-V PLL supplies and should be provided as close as
possible to each of the PLL supply package pins. TI recommends placing decoupling capacitors under the
package on the opposite side of the board. Use high-quality, low-ESR, monolithic, surface mount capacitors.
Typically 0.1 µF for each PLL supply should be sufficient. The length of a connecting trace increases the
parasitic inductance of the mounting, and thus, where possible, there should be no trace, allowing the via to butt
up against the land itself. Additionally, the connecting trace should be made as wide as possible. Further
improvement can be made by placing vias to the side of the capacitor lands or doubling the number of vias.
The location of bulk decoupling depends on the system design. Typically, a good ceramic capacitor in the 10-µF
range is adequate.
10.1.2 PCB Layout Guidelines for Quality Auto-Lock Performance
One of the most important factors in getting good performance from Auto-Lock is to design the PCB with the
highest-quality signal integrity possible. TI recommends the following:
•
Place the ADC chip as close to the VESA/video connectors as possible.
•
Avoid crosstalk to the analog signals by keeping them away from digital signals.
•
Do not place the digital ground or power planes under the analog area between the VESA connector to the
ADC chip.
•
Avoid crosstalk onto the RGB analog signals. Separate them from the VESA Hsync and Vsync signals.
•
Analog power should not be shared with the digital power directly.
•
Try to keep the trace lengths of the RGB as equal as possible.
•
Use good quality (1%) termination resistors for the RGB inputs to the ADC.
•
If the green channel must be connected to more than the ADC green input and ADC sync-on-green input,
provide a good-quality high-impendence buffer to avoid adding noise to the green channel.
10.1.3 DMD Interface Considerations
The DMD interface is modeled after the low-power DDR memory (LPDDR) interface. To minimize power
dissipation, the LPDDR interface is defined to be unterminated. This makes good PCB signal integrity
management imperative. In particular, impedance control and crosstalk mitigation is critical to robust operation.
LPDDR board design recommendations include 3× design rules (that is, trace spacing = 3× trace width), ±10%
impedance control, and signal routing directly over a neighboring reference plane (ground or 1.9-V plane).
DMD interface performance is also a function of trace length, so even with good board design, the length of the
line limits performance. The DLPC6401 device works over a very-narrow range of DMD signal routing lengths at
120 MHz only. The device provides the option to reduce the interface clock rate to facilitate a longer interface
(this includes 106.7-MHz, 96-MHz, 87.7-MHz, and 80-MHz programming options). However, note that reducing
the interface clock rate has the impact of increasing DMD load time, which in turn reduces image quality. Even
with a clock reduction, the edge rates required to achieve the fastest clock rates still exist and cause overshoot
and undershoot issues if there is excessive crosstalk, or the line is too short. Thus, ensuring positive timing
margin requires attention to many factors.
As an example, DMD interface system timing margin can be calculated as follows:
Setup margin = (DLPC6401 output setup) – (DMD input setup) – (PCB routing mismatch) – (PCB SI degradation)
(1)
Hold-time margin = (DLPC6401 output hold) – (DMD input hold) – (PCB routing mismatch) – (PCB SI degradation)
(2)
Where PCB SI degradation is signal integrity degradation due to PCB effects, which include simultaneously
switching output (SSO) noise, crosstalk, and inter-symbol interference (ISI). The DLPC6401 I/O timing
parameters can be found in their corresponding tables. Similarly, PCB routing mismatch can be budgeted and
met through controlled PCB routing. However, PCB SI degradation is not so straightforward.
In an attempt to minimize the signal integrity analysis that would otherwise be required, the following PCB design
guidelines are provided as a reference of an interconnect system that satisfies both waveform quality and timing
requirements (accounting for both PCB routing mismatch and PCB SI degradation). Variation from these
recommendations may also work, but should be confirmed with PCB signal integrity analysis or lab
measurements.
36
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com