Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 23Page - Texas Instruments DLPC6401 Datasheet HTML 24Page - Texas Instruments DLPC6401 Datasheet HTML 25Page - Texas Instruments DLPC6401 Datasheet HTML 26Page - Texas Instruments DLPC6401 Datasheet HTML 27Page - Texas Instruments DLPC6401 Datasheet HTML 28Page - Texas Instruments DLPC6401 Datasheet HTML 29Page - Texas Instruments DLPC6401 Datasheet HTML 30Page - Texas Instruments DLPC6401 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
DLPC6401
www.ti.com
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
Note that when another device such as an SRAM or additional flash is used in conjunction with the boot flash,
care must be taken to keep stub length short and located as close as possible to the flash end of the route.
The DLPC6401 device provides enough Program Memory Address pins to support a flash or SRAM device up to
128 Mb. For systems not requiring this capacity, up to two address pins can be used as GPIO instead.
Specifically, the two most significant address bits (that is PM_ADDR_22 and PM_ADDR_21) are shared on pins
GPIO_16 and GPIO_17 respectively. Like other GPIO pins, these pins float in a high-impedance input state
following reset; therefore, if these GPIO pins are to be reconfigured as Program Memory Address pins, they
require board-level pulldown resistors to prevent any Flash address bits from floating until software is able to
reconfigure the pins from GPIO to Program Memory Address. Also note, that until software reconfigures the pins
from GPIO to Program Memory Address, upper portions of flash memory are not accessible.
Table 5 shows typical GPIO_16 and GPIO_17 pin configurations for various flash sizes.
Table 5. Typical GPIO_16 and GPIO_17 Pin Configurations for Various Flash Sizes
FLASH SIZE
GPIO_36 PIN CONFIGURATION
GPIO_35 PIN CONFIGURATION
32 Mb or less
GPIO_17
GPIO_16
64 Mb
GPIO_17
PM_ADDR_21(*)(1)
128 Mb
PM_ADDR_22(*)(1)
PM_ADDR_21(*)(1)
(1)
(*) = Board-level pulldown resistor required
7.3.2.1 Calibration and Debug Support
The DLPC6401 device contains a test point output port, TSTPT_(7:0), which provides selected system calibration
support as well as ASIC debug support. These test points are inputs while reset is applied and switch to outputs
when reset is released. The state of these signals is sampled upon the release of system reset and the captured
value configures the test mode until the next time reset is applied. Each test point includes an internal pulldown
resistor and thus external pullups are used to modify the default test configuration. The default configuration
(x00) corresponds to the TSTPT(7:0) outputs being driven low for reduce switching activity during normal
operation. For maximum flexibility, TI recommends an option to jumper to an external pullup for TSTPT(0). Note
that adding a pullup to TSTPT(7:1) may have adverse affects for normal operation and TI does not recommend
it. Note that these external pullups are sampled only after a 0-to-1 transition on POSENSE and thus changing
their configuration after reset has been released does not have any affect until the next time reset is asserted
and released. Table 6 defines the test mode selection for two programmable scenarios defined by TSTPT_(0):
Table 6. Test Mode Selection
NO SWITCHING
ARM AHB DEBUG SIGNAL SET
TSTPT(3:0) CAPTURE
ACTIVITY
VALUE
x0
x1
TSTPT(0)
0
ARM9 HREADY
TSTPT(1)
0
HSEL for all external program memory
TSTPT(2)
0
ARM9 HTRANS(1)
TSTPT(3)
0
PFC HREADY OUT (ARM9 R/W)
TSTPT(4)
0
PFC EMI(2) request (ARM9 R/W)
TSTPT(5)
0
PFC EMI(2) request accept (ARM9 R/W)
TSTPT(6)
0
PFC EMI(2) access done (ARM9 R/W)
TSTPT(7)
0
ARM9 Gate_The_Clk
(1)
These are only the default output selections. Software can reprogram the selection at any time.
(2)
PFC EMI is the parallel flash controller external memory interface
7.3.2.2 Board-Level Test Support
The in-circuit tri-state enable signal (ICTSEN) is a board-level test control signal. By driving ICTSEN to a logic-
high state, all ASIC outputs (except TDO1 and TDO2) are tri-stated.
The DLPC6401 device also provides JTAG boundary scan support on all I/O signals, non-digital I/O, and a few
special signals. Table 7 defines these exceptions.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com