Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 8Page - Texas Instruments DLPC6401 Datasheet HTML 9Page - Texas Instruments DLPC6401 Datasheet HTML 10Page - Texas Instruments DLPC6401 Datasheet HTML 11Page - Texas Instruments DLPC6401 Datasheet HTML 12Page - Texas Instruments DLPC6401 Datasheet HTML 13Page - Texas Instruments DLPC6401 Datasheet HTML 14Page - Texas Instruments DLPC6401 Datasheet HTML 15Page - Texas Instruments DLPC6401 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
I/O(1)
MIN
NOM
MAX
UNIT
VDD33
3.3-V supply voltage, I/O
3.135
3.3
3.465
V
VDD_DMD
1.9-V supply voltage, I/O
1.8
1.9
2
V
VDD_18_PLLD
1.8-V supply voltage, PLL analog
1.71
1.8
1.89
V
VDD_18_PLLM
1.8-V supply voltage, PLL analog
1.71
1.8
1.89
V
VDD12
1.2-V supply voltage, core logic
1.116
1.2
1.26
V
VDD12_PLLD
1.2-V supply voltage, PLL digital
1.116
1.2
1.26
V
VDD12_PLLM
1.2-V supply voltage, PLL digital
1.116
1.2
1.26
V
OSC (10)
0
VDD33
3.3-V LVCMOS (1, 2, 3, 4)
0
VDD33
VI
Input voltage
V
3.3-V I2C (8)
0
VDD33
3.3-V LVDS (5)
0.6
2.2
3.3-V LVCMOS (1, 2, 3, 4)
0
VDD33
VO
Output voltage
3.3-V I2C (8)
0
VDD33
V
1.9-V LPDDR (7)
0
VDD_DMD
TA
Operating ambient temperature range
See (2)
0
55
°C
TC
Operating top-center case temperature
See (3)(4)
0
104
°C
TJ
Operating junction temperature
0
105
°C
(1)
The number inside each parenthesis for the I/O refers to the type defined in the I/O type subscript definition section.
(2)
Assumes a minimum 1-m/s airflow along with the JEDEC thermal resistance and associated conditions as listed www.ti.com/packaging.
Thus, this is an approximate value that varies with environment and PCB design.
(3)
Maximum thermal values assume maximum power of 3 W.
(4)
Assume
ψJT equals 0.33 C/W.
6.4 Thermal Information
(1)
DLPC6401
THERMAL METRIC(1)
ZFF (BGA)
UNIT
419 PINS
ψJT
Junction-to-top characterization parameter
0.33
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics Application
Report, SPRA953.
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com