Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 5 Page - Texas Instruments

  DLPC6401 Datasheet HTML 1Page - Texas Instruments DLPC6401 Datasheet HTML 2Page - Texas Instruments DLPC6401 Datasheet HTML 3Page - Texas Instruments DLPC6401 Datasheet HTML 4Page - Texas Instruments DLPC6401 Datasheet HTML 5Page - Texas Instruments DLPC6401 Datasheet HTML 6Page - Texas Instruments DLPC6401 Datasheet HTML 7Page - Texas Instruments DLPC6401 Datasheet HTML 8Page - Texas Instruments DLPC6401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
DLPC6401
www.ti.com
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
Pin Functions (continued)
PIN(1)
I/O (2)
INTERNAL TERMINATION
CLK SYSTEM
DESCRIPTION
NAME
NO.
POWER
TYPE
Requires an external pullup to
3.3 V. The minimum
I2C bus 0, clock; I2C master for on-board peripherals
I2C0_SCL
M2
VDD33
B8
acceptable pullup value is 1
N/A
such as temperature sensor. This bus supports 400-
k
Ω. This input is not
kHz, fast-mode operation.
5-V tolerant.
Requires an external pullup to
3.3 V. The minimum
I2C bus 0, data; I2C master for on-board peripherals
I2C0_SDA
M3
VDD33
B8
acceptable pullup value is 1
I2C0_SCL
such as temperature sensor. This bus supports 400-
k
Ω. This input is not
kHz, fast-mode operation.
5-V tolerant.
SYSTEM CLOCK
System clock oscillator input (3.3-V LVCMOS). Note
MOSC
A14
VDD33
I10
N/A
that the MOSC must be stable a maximum of 25 ms
after POSENSE transitions from high to low.
MOSCN
A15
VDD33
O10
N/A
MOSC crystal return
PORT 1: PARALLEL VIDEO AND GRAPHICS INPUT(3)(4)(5)
P1A_CLK
W15
VDD33
I4
Includes an internal pulldown
N/A
Port 1 input data pixel write clock 'A'
P1B_CLK
AB17
VDD33
I4
Includes an internal pulldown
N/A
Port 1 input data pixel write clock 'B'
P1C_CLK
Y16
VDD33
I4
Includes an internal pulldown
N/A
Port 1 input data pixel write clock 'C'
B1
P1_VSYNC
Y15
VDD33
Includes an internal pulldown
P1A_CLK
Port 1 vertical sync. Uses hysteresis
H
B1
P1_HSYNC
AB16
VDD33
Includes an internal pulldown
P1A_CLK
Port 1 horizontal sync. Uses hysteresis
H
P1_DATEN
AA16
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 data enable
Port 1 field sync. Required for interlaced sources
P1_FIELD
W14
VDD33
I4
Includes an internal pulldown
P1A_CLK
only (and not progressive)
P1_A_9
AB20
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 A channel input pixel data (bit weight 128)
P1_A_8
AA19
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 A channel input pixel data (bit weight 64)
P1_A_7
Y18
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 A channel input pixel data (bit weight 32)
P1_A_6
W17
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 A channel input pixel data (bit weight 16)
P1_A_5
AB19
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 A channel input pixel data (bit weight 8)
P1_A_4
AA18
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 A channel input pixel data (bit weight 4)
P1_A_3
Y17
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 A channel input pixel data (bit weight 2)
P1_A_2
AB18
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 A channel input pixel data (bit weight 1)
P1_A_1
W16
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 A channel input pixel data (bit weight 0.5)
P1_A_0
AA17
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 A channel input pixel data (bit weight 0.25)
P1_B_9
U21
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 B channel input pixel data (bit weight 128)
P1_B_8
U20
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 B channel input pixel data (bit weight 64)
P1_B_7
V22
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 B channel input pixel data (bit weight 32)
P1_B_6
U19
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 B channel input pixel data (bit weight 16)
P1_B_5
V21
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 B channel input pixel data (bit weight 8)
P1_B_4
W22
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 B channel input pixel data (bit weight 4)
P1_B_3
W21
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 B channel input pixel data (bit weight 2)
P1_B_2
AA20
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 B channel input pixel data (bit weight 1)
P1_B_1
Y19
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 B channel input pixel data (bit weight 0.5)
P1_B_0
W18
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 B channel input pixel data (bit weight 0.25)
P1_C_9
P21
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 C channel input pixel data (bit weight 128)
P1_C_8
P22
VDD33
I4
Includes an internal pulldown
P1A_CLK
Port 1 C channel input pixel data (bit weight 64)
(3)
Port 1 can be used to support multiple source options for a given product (that is, HDMI, BT656). To do so, the data bus from both
source components must be connected to the same port 1 pins and control given to the DLPC6401 to tri-state the inactive source. Tying
them together like this causes some signal degradation due to reflections on the tri-stated path.
(4)
The A, B, and C input data channels of port 1 can be internally swapped for optimum board layout.
(5)
Sources feeding less than the full 10-bits per color component channel should be MSB justified when connected to the DLPC6401 and
LSBs tied off to 0. For example, an 8-bit per color input should be connected to bits 9:2 of the corresponding A, B, or C input channel.
BT656 are 8 or 10 bits in width. If a BT656-type input is used, the data bits must be MSB justified as with the other types of input
sources on either of the A, B, or C data input channels.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com