Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 36Page - Texas Instruments DLPC6401 Datasheet HTML 37Page - Texas Instruments DLPC6401 Datasheet HTML 38Page - Texas Instruments DLPC6401 Datasheet HTML 39Page - Texas Instruments DLPC6401 Datasheet HTML 40Page - Texas Instruments DLPC6401 Datasheet HTML 41Page - Texas Instruments DLPC6401 Datasheet HTML 42Page - Texas Instruments DLPC6401 Datasheet HTML 43Page - Texas Instruments DLPC6401 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
Table 14. DLPC6401 DMD I/F Package Routing Length (continued)
SIGNAL
TOTAL DELAY (ps)
PACKAGE BALL
SIGNAL
TOTAL DELAY (ps)
PACKAGE BALL
DMD_D7
0
E11
DMD_D21
1.6
E9
DMD_D8
14.8
C7
DMD_D22
10.7
C10
DMD_D9
18.4
B10
DMD_D23
16.7
C6
DMD_D10
6.4
E7
DMD_DCLK
24.8
A9
DMD_D11
4.8
D10
DMD_LOADB
18
B9
DMD_D12
29.8
A6
DMD_SCTRL
11.4
C9
DMD_D13
25.7
A12
DMD_TRC
4.6
D9
10.1.4 General Handling Guidelines for Unused CMOS-Type Pins
To avoid potentially damaging current caused by floating CMOS input-only pins, TI recommends that unused
ASIC input pins be tied through a pullup resistor to its associated power supply or a pulldown to ground. For
ASIC inputs with an internal pullup or pulldown resistors, it is unnecessary to add an external pullup or pulldown,
unless specifically recommended. Note that internal pullup and pulldown resistors are weak and should not be
expected to drive the external line.
Unused output-only pins can be left open.
When possible, TI recommends that unused bidirectional I/O pins be configured to their output state such that
the pin can be left open. If this control is not available and the pins may become an input, then they should be
pulled-up (or pulled-down) using an appropriate resistor.
40
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com