Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC6401 Datasheet HTML 1Page - Texas Instruments DLPC6401 Datasheet HTML 2Page - Texas Instruments DLPC6401 Datasheet HTML 3Page - Texas Instruments DLPC6401 Datasheet HTML 4Page - Texas Instruments DLPC6401 Datasheet HTML 5Page - Texas Instruments DLPC6401 Datasheet HTML 6Page - Texas Instruments DLPC6401 Datasheet HTML 7Page - Texas Instruments DLPC6401 Datasheet HTML 8Page - Texas Instruments DLPC6401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
DLPC6401 DLP® Data Processor
1 Features
•
Integrated Clock Generation Circuitry
–
Operates on a Single 32-MHz Crystal
1
•
Provides a 30-Bit Input Pixel Interface:
–
Integrated Spread Spectrum Clocking
–
YUV, YCrCb, or RGB Data Format
•
Integrated 64-Mb Frame Memory Eliminates the
–
8, 9, or 10 Bits per Color
Need for External High-Speed Memory
–
Pixel Clock Support up to 150 MHz
•
External Memory Support: Parallel Flash for
•
Provides a Single Channel, LVDS Based,
Microprocessor and PWM Sequence
Flat-Panel Display (FPD)-Link Compatible Input
•
System Control:
Interface:
–
DMD Power and Reset Driver Control
–
Supports Sources up to a 90-MHz Effective
Pixel Clock Rate
–
DMD Horizontal and Vertical Image Flip
–
Four Demodulated Pixel-Mapped Modes
•
JTAG Boundary Scan Test Support
Supported for 8, 9, 10 YUV, YCrCb, or RGB
•
419-Pin Plastic Ball Grid Array Package
Formatted Inputs
2 Applications
•
Supports 45- to 120-Hz Frame Rates
•
Full Support for Diamond 0.45 WXGA
•
Battery Powered Mobile Accessory HD Projector
•
High-Speed, Double Data Rate (DDR) Digital
•
Battery Powered Smart HD Accessory
Micromirror Device (DMD) Interface
•
Screenless Display - Interactive Display
•
149.33-MHz ARM926™ Microprocessor
•
Mobile Cinema
•
Microprocessor Peripherals:
•
Gaming Display
–
Programmable Pulse-Width Modulation (PWM)
and Capture Timers
3 Description
–
Two I2C Ports
The DLPC6401 digital controller, part of the DLP4500
(.45 WXGA) chipset, supports reliable operation of
–
Two UART Ports (for Debug Only)
the DLP4500 digital micromirror device (DMD). The
–
32 KB of Internal RAM
DLPC6401 controller provides a convenient, multi-
–
Dedicated LED PWM Generators
functional interface between system electronics and
the DMD, enabling small form factor and high
•
Image Processing:
resolution HD displays.
–
Auto-Lock for Standard, Wide, and Black
Border
Device Information (1)
–
1D Keystone Correction
PART NUMBER
PACKAGE
ARRAY SIZE (PIXELS)
–
Programmable Degamma
DLPC6401
BGA (419)
23.00 mm × 23.00 mm
•
On-Screen Display (OSD)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Splash Screen Display Support
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLPC6401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
DLP Display Controller
DLPC6421 TI1-DLPC6421 Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC6421AZPC TI1-DLPC6421AZPC Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC6421ZPC TI1-DLPC6421ZPC Datasheet
740Kb / 48P
DLP Display Controller
DLPC6421ZPC TI1-DLPC6421ZPC Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
More results

Similar Description - DLPC6401

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KD16903 SAMSUNG-KD16903 Datasheet
163Kb / 20P
DATA PROCESSOR
S5A1903X01 SAMSUNG-S5A1903X01 Datasheet
128Kb / 20P
DATA PROCESSOR
logo
Panasonic Semiconductor
PT-DX100K PANASONIC-PT-DX100K Datasheet
2Mb / 22P
DLP??Projectors
PT-DZ780 PANASONIC-PT-DZ780 Datasheet
1Mb / 18P
DLP??Projectors
PT-DZ870K PANASONIC-PT-DZ870K Datasheet
2Mb / 25P
DLP??Projectors
PT-LW321 PANASONIC-PT-LW321 Datasheet
1Mb / 12P
DLP Projector
PT-LX271 PANASONIC-PT-LX271 Datasheet
1Mb / 11P
DLP??Projector
PT-LX321 PANASONIC-PT-LX321 Datasheet
974Kb / 11P
DLP??Projector
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
DLP Projector
logo
Texas Instruments
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
DLP Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com