Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 4 Page - Texas Instruments

  DLPC6401 Datasheet HTML 1Page - Texas Instruments DLPC6401 Datasheet HTML 2Page - Texas Instruments DLPC6401 Datasheet HTML 3Page - Texas Instruments DLPC6401 Datasheet HTML 4Page - Texas Instruments DLPC6401 Datasheet HTML 5Page - Texas Instruments DLPC6401 Datasheet HTML 6Page - Texas Instruments DLPC6401 Datasheet HTML 7Page - Texas Instruments DLPC6401 Datasheet HTML 8Page - Texas Instruments DLPC6401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
Pin Functions
PIN(1)
I/O (2)
INTERNAL TERMINATION
CLK SYSTEM
DESCRIPTION
NAME
NO.
POWER
TYPE
CONTROL
External reset output, LOW true. This output is
asserted low immediately upon asserting power-up
reset (POSENSE) low and remains low while
POSENSE remains low. EXT_ARSTZ continues to
be held low after the release of power-up reset (that
is, POSENSE set high) until released by software.
EXT_ARST
H20
VDD33
O1
Async
EXT_ARSTZ is also asserted low approximately 5
µs after the detection of a PWRGOOD or any
internally-generated reset. In all cases, it remains
active for a minimum of 2 ms after the reset
condition is released by software. Note, the ASIC
contains a software register that can be used to
independently drive this output.
Power Good is an active-high signal with hysteresis
that is generated by an external power supply or
voltage monitor. A high value indicates all power is
within operating voltage specifications and the
system is safe to exit its reset state. A transition from
high to low should indicate that the controller or
DMD supply voltage will drop below their rated
minimum level within the next 0.5 ms (POSENSE
must remain active high during this interval). This is
an early warning of an imminent power loss
I4
condition. This warning is required to enhance long-
PWRGOOD
H19
VDDC
Async
H
term DMD reliability. A DMD park sequence,
followed by a full controller reset, is performed by the
DLPC6401 when PWRGOOD goes low for a
minimum of 4 µs protecting the DMD. This minimum
de-assertion time is used to protect the input from
glitches. Following this, the DLPC6401 is held in its
reset state as long as PWRGOOD is low.
PWRGOOD must be driven high for typical
operation. The DLPC6401 device acknowledges
PWRGOOD as active after it is driven high for a
minimum of 625 ns. Uses hysteresis.
Power-On Sense is an active-high input signal with
hysteresis that is generated by an external voltage
monitor circuit. POSENSE must be driven inactive
I4
(low) when any of the controller supply voltages are
POSENSE
G21
Async
H
below minimum operating voltage specifications.
POSENSE must be active (high) when all controller
supply voltages remain above minimum
specifications.
Power On or Power Off is an active-high signal that
indicates the power of the system. Power On or
Power Off is high when the system is in power-up
POWER_ON_OFF
N21
VDD33
B2
Async
state, and low when the system is in standby. Power
On or Power Off can also be used to power on or off
an external power supply.
Prior to transferring part of code from parallel flash
content to internal memory, the internal memory is
initialized and a memory test is performed. The
INIT_DONE
F19
VDD33
B2
Async
result of this test (pass or fail) is recorded in the
system status. If memory test fails, the initialization
process is halted. INIT_DONE is asserted twice to
indicate an error situation. See Figure 12.
This signal is sampled during power-up. If the signal
I2C_ADDR_SEL
F21
VDD33
B2
Async
is low, the I2C addresses are 0x34 and 0x35. If the
signal is low, the I2C are 0x3A and 0x3B.
Requires an external pullup to
I2C clock. Bidirectional, open-drain signal. I2C slave
3.3 V. The minimum
I2C1_SCL
J3
VDD33
B2
N/A
clock input from the external processor. This bus
acceptable pullup value is
supports 400 kHz.
1 k
Ω.
Requires an external pullup to
I2C data. Bidirectional, open-drain signal. I2C slave
3.3 V. The minimum
I2C1_SDA
J4
VDD33
B2
I2C1_SCL
to accept command or transfer data to and from the
acceptable pullup value is
external processor. This bus supports 400 kHz.
1 k
Ω.
(1)
For instructions on handling unused pins, see General Handling Guidelines for Unused CMOS-Type Pins.
(2)
I/O Type: I = Input, O = Output, B = Bidirectional, and H = Hysteresis. See Table 1 for subscript explanation.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com