Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 10Page - Texas Instruments DLPC6401 Datasheet HTML 11Page - Texas Instruments DLPC6401 Datasheet HTML 12Page - Texas Instruments DLPC6401 Datasheet HTML 13Page - Texas Instruments DLPC6401 Datasheet HTML 14Page - Texas Instruments DLPC6401 Datasheet HTML 15Page - Texas Instruments DLPC6401 Datasheet HTML 16Page - Texas Instruments DLPC6401 Datasheet HTML 17Page - Texas Instruments DLPC6401 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
6.6 Electrical Characteristics (Normal Mode)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITION(1)
MIN
TYP
MAX(2)
UNIT
ICC12
Supply voltage, 1.2-V core power
Normal mode
600
1020
mA
ICC19_DMD
Supply voltage, 1.9-V I/O power (DMD LPDDR)
Normal mode
30
50
mA
ICC33
Supply voltage, 3.3-V (I/O) power
Normal mode
40
70
mA
ICC12_FPD
FPD-Link LVDS I/F supply voltage, 1.2-V power
Normal mode
60
100
mA
ICC33_FPD
FPD-Link LVDS I/F supply voltage, 3.3-V power
Normal mode
50
85
mA
ICC12_PLLD
Supply voltage, PLL digital power (1.2 V)
Normal mode
9
15
mA
Supply voltage, master clock generator PLL digital
ICC12_PLLM
Normal mode
9
15
mA
power (1.2 V)
ICC18_PLLD
Supply voltage, PLL analog power (1.8 V)
Normal mode
10
16
mA
Supply voltage, master clock generator PLL analog
ICC18_PLLM
Normal mode
10
16
mA
power (1.8 V)
PTOT
Total power
Normal mode
1225
2200
mW
(1)
Normal mode refers to ASIC operation during full functionality, active product operation. Typical values correspond to power dissipated
on nominal process devices operating at nominal voltage and 70°C junction temperature (approximately 25°C ambient) displaying typical
video-graphics content from a high-frequency source. Maximim values correspond to power dissipated on fast process devices
operating at high voltage and 105°C junction temperature (approximately 55°C ambient) displaying typical video-graphics content from a
high-frequency source. The increased power dissipation observed on fast process devices operated at maximum recommended
temperature is primarily a result of increased leakage current.
(2)
Maximum power values are estimates and may not reflect the actual final power consumption of DLPC6401 ASIC.
6.7 System Oscillators Timing Requirements
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
ƒclock
Clock frequency, MOSC(1)
31.9968 32.0032
MHz
tc
Cycle time, MOSC(1)
31.188
31.256
ns
tw(H)
Pulse duration(2), MOSC, high
50% to 50% reference points (signal)
12.5
ns
tw(L)
Pulse duration(2), MOSC, low
50% to 50% reference points (signal)
12.5
ns
tt
Transition time(2), MOSC, tt = tf / tr
20% to 80% reference points (signal)
7.5
ns
Period jitter(2), MOSC (that is, the deviation in period from ideal period due solely to high-frequency
tjp
–100
100
ps
jitter – not spread spectrum clocking)
(1)
The frequency range for MOSC is 32 MHz with ±100 PPM accuracy. (This includes impact to accuracy due to aging, temperature, and
trim sensitivity.) The MOSC input cannot support spread spectrum clock spreading.
(2)
Applies only when driven by an external digital oscillator.
14
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com