Electronic Components Datasheet Search
  English  ▼

X  

DLPC6401 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6401
Description  DLP Data Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6401 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPC6401 Datasheet HTML 28Page - Texas Instruments DLPC6401 Datasheet HTML 29Page - Texas Instruments DLPC6401 Datasheet HTML 30Page - Texas Instruments DLPC6401 Datasheet HTML 31Page - Texas Instruments DLPC6401 Datasheet HTML 32Page - Texas Instruments DLPC6401 Datasheet HTML 33Page - Texas Instruments DLPC6401 Datasheet HTML 34Page - Texas Instruments DLPC6401 Datasheet HTML 35Page - Texas Instruments DLPC6401 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
DLPC6401
DLPS031C – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
9 Power Supply Recommendations
9.1 System Power Regulation
Table 10 shows the recommended power delivery budget for DC offset and AC noise as observed at the
corresponding DLPC6401 power pins.
Table 10. Recommended Power Delivery Budget for DC Offset and AC Noise
NOMINAL
TOTAL SUPPLY
ASIC POWER RAIL
USAGE
VOLTAGE
MARGIN (1)
VDDC
ASIC core
1.2 V
±5%
VDD12_PLLM/ VDD12_PLLD
Internal PLLs
1.2 V
±5%
VDD_18_PLLM/ VDD18_PLLD
Internal PLLs
1.8 V
±5%(2)
VDD_DMD
DMD LPDDR I/O
1.9 V
±5%
VDD33
LVCMOS I/O
3.3 V
±5%
VDD12_FPD
FPD-Link LVDS I/F
1.2 V
±5%
VDD33_FPD
FPD-Link LVDS I/F
3.3 V
±5%
(1)
Total supply margin = DC offset budget + AC noise budget
(2)
When possible, TI suggests that a tighter supply tolerance (±3%) be used for the 1.8-V power to the
PLLs to improve system noise immunity
TI strongly recommends that the VDD_18_PLLM and VDD_18_PLLD power feeding internal PLLs be derived
from an isolated linear regulator to minimize the AC noise component. It is acceptable for VDD12_PLLM and
VDD12_PLLD to be derived from the same regulator as the core VDD12, but they should be filtered.
9.2 System Power-Up Sequence
Although the DLPC6401 device requires an array of power supply voltages (1.2 V, 1.8 V, 1.9 V, and 3.3 V), there
are no restrictions regarding the relative order of power supply sequencing. This is true for both power-up and
power-down scenarios. Similarly, there is no minimum time between powering-up and powering-down the
different supplies feeding the DLPC6401 device. However, note that it is not uncommon for there to be power-
sequencing requirements for the devices that share the supplies with the DLPC6401 device. For example:
•
1.2-V core power should be applied whenever any I/O power is applied. This ensures the state of the
associated I/O that are powered are controlled to a known state. Thus, TI recommends to apply core power
first. Other supplies should be applied only after the 1.2-V ASIC core has ramped up.
•
All ASIC power should be applied before POSENSE is asserted to ensure proper power-up initialization is
performed. 1.8-V PLL power, 1.9-V I/O power, and 3.3-V I/O power should remain applied as long as 1.2-V
core power is applied and POSENSE is asserted.
It is assumed that all DLPC6401 device power-up sequencing is handled by external hardware. It is also
assumed that an external power monitor will hold the DLPC6401 device in system reset during power-up (that is,
POSENSE = 0). It should continue to assert system reset until all ASIC voltages have reached minimum
specified voltage levels. During this time, all ASIC I/O are either tri-stated or driven low. The master PLL (PLLM)
is released from reset upon the low-to-high transition of POSENSE, but the DLPC6401 device keeps the rest of
the ASIC in reset for an additional 100 ms to allow the PLL to lock and stabilize its outputs. After this 100-ms
delay, ARM9-related internal resets are de-asserted, causing the microprocessor to begin its boot-up routine.
Figure 16 shows the recommended DLPC6401 system power-up sequence.
32
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DLPC6401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com