Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 22 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 22 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 18Page - Microchip Technology UPD1001 Datasheet HTML 19Page - Microchip Technology UPD1001 Datasheet HTML 20Page - Microchip Technology UPD1001 Datasheet HTML 21Page - Microchip Technology UPD1001 Datasheet HTML 22Page - Microchip Technology UPD1001 Datasheet HTML 23Page - Microchip Technology UPD1001 Datasheet HTML 24Page - Microchip Technology UPD1001 Datasheet HTML 25Page - Microchip Technology UPD1001 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
UPD1001
DS00001759B-page 22
 2014 Microchip Technology Inc.
19
32-A
STD-A
None
Profile 4, 5V@3A, 9V@3A
5
9
12
20
2
3
20
32-A
STD-A
None
Profile 4, 5V@3A, 16V@3A
5
12
16
20
2
4
21
32-A
STD-A
None
Profile 4, 9V@3A, PP-200
5
9
12
20
2
5
22
32-A
STD-A
None
Profile 4, 9V@5A, PP-200
5
9
12
20
2
6
23
32-A
STD-A
None
Profile 4, PP-200
5
12
20
-
2
7
24
32-A
STD-A
None
Profile 5
5
12
20
-
2
8
25
32-A
STD-A
None
Profile 5, 5V@5A
5
12
20
-
2
9
26
32-A
STD-A
None
Profile 5, 5V@5A, 16V@5A
5
12
16
20
2
10
27
32-A
STD-A
None
Profile 5, 5V@5A, 9V@5A
5
9
12
20
2
11
28
32-A
STD-A
None
Profile 5, PP-200
5
12
20
-
2
12
29
32-A
STD-A
None
Profile VSafe5V-L, 20V@3A
5
20
-
-
2
13
30
32-A
STD-A
None
Profile VSafe5V-L, 20V@5A
5
20
-
-
2
14
31
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 1
5
-
-
-
2
15
32
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 1, 5V@3A
5
-
-
-
2
16
33
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 1, 5V@5A
5
-
-
-
3
1
34
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 1, 9V@2A
5
9
-
-
3
2
35
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 1, 20V@3A
5
20
-
-
3
3
36
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 1, 20V@5A
5
20
-
-
3
4
37
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 2
5
12
-
-
3
5
38
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 2, 9V@2A
5
9
12
-
3
6
39
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 3
5
12
-
-
3
7
40
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 3, 5V@3A
5
12
-
-
3
8
41
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 3, 5V@3A, 9V@3A
5
9
12
-
3
9
42
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 3, 5V@3A, 9V@3A,
16V@3A
5
9
12
16
3
10
43
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 4
5
12
20
-
3
11
44
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 4, 5V@3A
5
12
20
-
3
12
45
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 4, 5V@3A, 16V@3A
5
12
16
20
3
13
46
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 4, 5V@3A, 9V@3A
5
9
12
20
3
14
47
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 4, PP-200
5
12
20
-
3
15
48
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 5
5
12
20
-
3
16
49
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 5, 5V@5A
5
12
20
-
4
1
50
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 5, 5V@5A, 16V@5A
5
12
16
20
4
2
51
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 5, 5V@5A, 9V@5A
5
9
12
20
4
3
52
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile 5, PP-200
5
12
20
-
4
4
53
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile VSafe5V-L, 20V@3A
5
20
-
-
4
5
54
32-B
STD-B
NA (Profile VSafe5V-NC)
Profile VSafe5V-L, 20V@5A
5
20
-
-
4
6
TABLE 3-3:
32-SQFN CFG_SELX CONFIGURATION ASSIGNMENTS (CONTINUED)
PD Consumer Abilities
PD Provider Abilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com