Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 1 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 1 Page - Microchip Technology

  UPD1001 Datasheet HTML 1Page - Microchip Technology UPD1001 Datasheet HTML 2Page - Microchip Technology UPD1001 Datasheet HTML 3Page - Microchip Technology UPD1001 Datasheet HTML 4Page - Microchip Technology UPD1001 Datasheet HTML 5Page - Microchip Technology UPD1001 Datasheet HTML 6Page - Microchip Technology UPD1001 Datasheet HTML 7Page - Microchip Technology UPD1001 Datasheet HTML 8Page - Microchip Technology UPD1001 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
 2014 Microchip Technology Inc.
DS00001759B-page 1
Highlights
• Integrated USB Power Delivery (PD) PHY
• Support for Power Delivery Message Protocol
• Integrated Voltage and Current ADC Inputs
• Configuration Profile Selection
• On-chip Microcontroller
• SPI Interface
• Commercial and Industrial Grade Temperature
Support
• Available in 32-SQFN Package
Target Applications
• AC Adapters & Chargers
- Type-A
- Type-B
-Micro-A
-Micro-B
- Captive cable
Key Benefits
• Integrated USB Power Delivery (PD) PHY
- Integrated receive termination
- Requires minimal external components
• Support for Power Delivery Message Protocol
- Message Generation/Consumption
- Retry Generation
- Error Handling
- State Behavior
• Cable Detect Logic
- Cable attachment type
• CFG_SEL pins allow selection of multiple profiles
- Provider
- Consumer/Provider
• Integrated Voltage (VMON) and Current (IMON)
ADC Inputs
• Dead Battery Support
• On-chip Microcontroller
- Manages I/Os and other signals
- Implements power delivery policy engine and
device policy manager
• Configuration Programming via OTP, or Vendor
Defined Messaging
• Supports Low Power Modes
• Serial Peripheral Interface (SPI) Bus
• Internal 3.3 V and 1.8 V Voltage Regulators
• Integrated Oscillator Reduces BOM Costs
• Package
- 32-pin SQFN (5 x 5 mm)
• Environmental
- Commercial temperature range (0°C to +70°C)
- Industrial temperature range (-40°C to +85°C
UPD1001
USB Power Delivery Controller


Similar Part No. - UPD1001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
More results

Similar Description - UPD1001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
Rohm
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com