Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 12 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 12 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 8Page - Microchip Technology UPD1001 Datasheet HTML 9Page - Microchip Technology UPD1001 Datasheet HTML 10Page - Microchip Technology UPD1001 Datasheet HTML 11Page - Microchip Technology UPD1001 Datasheet HTML 12Page - Microchip Technology UPD1001 Datasheet HTML 13Page - Microchip Technology UPD1001 Datasheet HTML 14Page - Microchip Technology UPD1001 Datasheet HTML 15Page - Microchip Technology UPD1001 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
UPD1001
DS00001759B-page 12
 2014 Microchip Technology Inc.
Source
Voltage
Select 0
VSEL0_N
OD8
This active low signal is one in a series of output pins
(VSEL0_N, VSEL1_N, VSEL2_N, and VSEL3_N) used to
select the correct source voltage from the DC-to-DC solu-
tion. Each VSELx_N pin is dedicated to one voltage,
assigned in order of increasing supported voltage.
For example, if 5, 12 and 20 V capabilities are supported,
the VSELx_N selections will be as follows:
VSEL0_N = 5 V
VSEL1_N = 12 V
VSEL2_N = 20 V
VSEL3_N = RESERVED
In another example, if only 5 and 20 V care supported,
the VSELx_N selections will be as follows:
VSEL0_N = 5 V
VSEL1_N = 20 V
VSEL2_N = RESERVED
VSEL3_N = RESERVED
The VSELx_N pins are also used to set the overvoltage
protection (OVP) voltage on the VMON pin. The OVP
fault will trigger when the measured voltage on VMON is
10% above the selected voltage setting.
For a mapping of the VSELx_N voltage assignments for
each CFG_SEL1/CFG_SEL0 configuration profile, refer
to Section 3.3, "Configuration Selection (CFG_SEL0/
CFG_SEL1)," on page 20.
Note:
This function is only available in specific
device configurations.
Source
Voltage
Select 1
VSEL1_N
OD8
This active low signal is one in a series of output pins
(VSEL0_N, VSEL1_N, VSEL2_N, and VSEL3_N) used to
select the correct source voltage from the DC-to-DC solu-
tion. Each VSELx_N pin is dedicated to one voltage,
assigned in order of increasing supported voltage.
Refer to the VSEL0_N definition for additional informa-
tion.
Note:
This function is only available in specific
device configurations.
TABLE 2-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com