Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 29 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 29 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 25Page - Microchip Technology UPD1001 Datasheet HTML 26Page - Microchip Technology UPD1001 Datasheet HTML 27Page - Microchip Technology UPD1001 Datasheet HTML 28Page - Microchip Technology UPD1001 Datasheet HTML 29Page - Microchip Technology UPD1001 Datasheet HTML 30Page - Microchip Technology UPD1001 Datasheet HTML 31Page - Microchip Technology UPD1001 Datasheet HTML 32Page - Microchip Technology UPD1001 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
 2014 Microchip Technology Inc.
DS00001759B-page 29
UPD1001
3.5.3
32-BYTE CACHE
There is a 32-byte pipeline cache, and associated with the cache is a base address pointer and a length pointer. Once
the SPI controller detects a jump, the base address pointer is initialized to that address. As each new sequential data
byte is fetched, the data is written into the cache, and the length is incremented. If the sequential run exceeds 32 bytes,
the base address pointer is incremented to indicate the last 32 bytes fetched. If the device does a jump, and the jump
is in the cache address range, the fetch is done in 1 clock from the internal cache instead of an external access.
3.5.4
INTERFACE OPERATION TO SPI PORT WHEN NOT PERFORMING FAST READS
There is an 8-byte command buffer: SPI_CMD_BUF[7:0]; an 8-byte response buffer: SPI_RESP_BUF[7:0]; and a length
register that counts out the number of bytes: SPI_CMD_LEN. Additionally, there is a self-clearing GO bit in the SPI_CTL
Register. Once the GO bit is set, the device drops SPI_ROM_CE_N, and starts clocking. It will put out SPI_CMD_LEN
X 8 number of clocks. After the first byte, the COMMAND, has been sent out, and the SPI_ROM_DI is stored in the
SPI_RESP buffer. If the SPI_CMD_LEN is longer than the SPI_CMD_BUF, don’t cares are sent out on the
SPI_ROM_DO line. This mode is used for program execution out of internal RAM or ROM.
FIGURE 3-5:
SPI ROM DUAL HI-SPEED READ SEQUENCE
FIGURE 3-6:
SPI ROM INTERNALLY-CONTROLLED OPERATION
SPI_ROM_CE_N
SPI_ROM_CLK
SPI_ROM_DO
SPI_ROM_DI
8
0B
MSB
HIGH IMPEDANCE
15 16
12 3 4
05
7
6
D1
ADD.
23 24
ADD.
ADD.
X
39 40
31 32
44
47 48
51 52
55 56
59
D2
N
N+1
D3
N+2
D4
N+3
D5
N+4
MSB
MSB
D1
D2
NN+1
D3
N+2
D4
N+3
D5
N+4
MSB
43
Bits-7,5,3,1
Bits-7,5,3,1
Bits-7,5,3,1
Bits-7,5,3,1
Bits-6,4,2,0
Bits-6,4,2,0
Bits-6,4,2,0
Bits-6,4,2,0
Bits-7,5,3,1
Bits-6,4,2,0
SPI
CONTROLLER
SPI
ROM
SPI_RSP_BUF[7:0]
SPI_CMD_BUF[3:0]
SPI_CMD_LEN
CE#
CLK
SI
SO
UPD1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com