Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 18 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 18 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 14Page - Microchip Technology UPD1001 Datasheet HTML 15Page - Microchip Technology UPD1001 Datasheet HTML 16Page - Microchip Technology UPD1001 Datasheet HTML 17Page - Microchip Technology UPD1001 Datasheet HTML 18Page - Microchip Technology UPD1001 Datasheet HTML 19Page - Microchip Technology UPD1001 Datasheet HTML 20Page - Microchip Technology UPD1001 Datasheet HTML 21Page - Microchip Technology UPD1001 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
UPD1001
DS00001759B-page 18
 2014 Microchip Technology Inc.
2.4
Power Connection Diagram
Figure 2-4 details the various power connection requirements.
FIGURE 2-4:
POWER CONNECTION DIAGRAM
Microchip
UPD1001
VDD33_CAP
VDDIO
VSS
VDDIO
0.1uF
0.1uF
0.1uF
1.0uF
PD_VDD18
VDD18_CAP
0.1uF
1.0uF
VDD18A_CAP
0.1uF
1.0uF
VTR
2.2uF
0.1uF
VBUS
VSW_CAP
1.0uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com