Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 4 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 4 Page - Microchip Technology

  UPD1001 Datasheet HTML 1Page - Microchip Technology UPD1001 Datasheet HTML 2Page - Microchip Technology UPD1001 Datasheet HTML 3Page - Microchip Technology UPD1001 Datasheet HTML 4Page - Microchip Technology UPD1001 Datasheet HTML 5Page - Microchip Technology UPD1001 Datasheet HTML 6Page - Microchip Technology UPD1001 Datasheet HTML 7Page - Microchip Technology UPD1001 Datasheet HTML 8Page - Microchip Technology UPD1001 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
UPD1001
DS00001759B-page 4
 2014 Microchip Technology Inc.
1.0
INTRODUCTION
1.1
General Description
The UPD1001 is a USB Power Delivery (PD) controller designed to adhere to the USB Power Delivery Specification.
USB Power Delivery allows a host (or device) to provide or consume up to 5 Amps and/or up to 20 Volts of power from
a USB PD capable partner device on the other end of the USB cable. USB PD capable standard and custom cables/
connectors are supported, which in most cases are backward compatible with standard USB connections.
The UPD1001 provides a complete USB Power Delivery solution for all charger and adapter solutions. The functionality
of the UPD1001 is selected via two configuration selection pins, CFG_SEL0 and CFG_SEL1, which can be used to
select unique PD and system configurations. Designing the UPD1001 into a system can be as simple as selecting a
configuration, with no external EEPROM required. Advanced programmability options exist with an external EEPROM
installed.
The integrated USB Power Delivery MAC and PHY support provider and consumer operation via the PD communication
protocol, as specified in Revision 1.0 (Version 1.2) of the USB Power Delivery Specification. Monitoring of VBUS and
battery charging is accomplished via the integrated voltage and current ADC inputs. The PHY supports cable ID detec-
tion/identification and loopback modes. The PHY includes a 24MHz FSK modulator/demodulator and provides inte-
grated terminations. The USB PD MAC supports both USB PD insertion detection (cold socket) and dead battery cases.
The on-chip microcontroller manages the IOs and implements the power delivery local policy engine and device man-
ager. The SPI ROM controller is used by the microcontroller for optional external code execution from ROM. A One Time
Programmable (OTP) ROM is integrated in the UPD1001. Integrated 3.3 V and 1.8 V regulators allow device operation
from a single power supply. The UPD1001 is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C)
temperature ranges. An internal block diagram of the UPD1001 is shown in Figure 1-1.
The UPD1001 is offered in a 32-pin SQFN package. The package provides multiple pin configurations, based upon the
CFG_SEL0 and CFG_SEL1 Configuration Select signals. Table 1-1 summarizes the available pin combinations and
their target applications. Refer to Section 2.0, "Pin Descriptions and Configuration," on page 6 for detailed information
on specific pin configurations.
TABLE 1-1:
UPD1001 PACKAGE/PIN CONFIGURATION SUMMARY
Package
Pin Config.
Name
PD Role
USB Receptacle
Notes
32-SQFN
32-A
Provider
Standard-A (STD-A)
See Section 2.1 for pin assignments
32-B
Consumer/Provider
Standard-B (STD-B)
See Section 2.1 for pin assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com