Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 10 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 10 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 6Page - Microchip Technology UPD1001 Datasheet HTML 7Page - Microchip Technology UPD1001 Datasheet HTML 8Page - Microchip Technology UPD1001 Datasheet HTML 9Page - Microchip Technology UPD1001 Datasheet HTML 10Page - Microchip Technology UPD1001 Datasheet HTML 11Page - Microchip Technology UPD1001 Datasheet HTML 12Page - Microchip Technology UPD1001 Datasheet HTML 13Page - Microchip Technology UPD1001 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
UPD1001
DS00001759B-page 10
 2014 Microchip Technology Inc.
2.2
Pin Descriptions
TABLE 2-2:
PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
Power Delivery
Power Deliv-
ery Cable ID
PD_ID
AIO
USB connector signal used to indicate a high-current
power delivery capable cable is inserted. This signal is to
be connected to the PD_ID pin located on the USB PD
Standard-B receptacle.
Power Deliv-
ery VBUS Data
PD_DATA
AIO
Modulated power delivery VBUS data. Requires in-line
isolation filter. Reference schematic available on request.
Power Deliv-
ery Detect
PD_DETECT
IS
(PU)
This signal is to be connected to the PD DETECT pins
located on the USB PD Standard-A receptacle. This sig-
nal is pulled high via an internal pull-up resistor by
default. Assertion (low value) of PD_DETECT qualifies a
USB-PD plug detection event.
Note:
This function is only available in specific
device configurations.
Power
Delivery
Enable
PD_EN_N
O8
This active low signal controls output of the power supply
voltage onto VBUS. This signal will typically always be
asserted, even when VBUS is 5 V.
Miscellaneous
VBUS Voltage
Monitor
VMON
AI
Stepped down voltage representation of the VBUS volt-
age. This signal must be connected to a voltage divider
circuit as specified in Section 2.4, "Power Connection
Diagram," on page 18. Voltage must not exceed 5 V on
this signal. Refer to Section 3.4, "Voltage/Current Moni-
tors (VMON/IMON)," on page 25 for additional informa-
tion.
Charger Cur-
rent Monitor
IMON
AI
Voltage representation of the charger current. This signal
should be fed by a current sense amplifier tuned to output
3.0 V when 6.0 A is flowing on VBUS. Voltage must not
exceed 5 V on this signal. Refer to Section 3.4, "Voltage/
Current Monitors (VMON/IMON)," on page 25 for addi-
tional information.
Power Supply
Fault Indicator
FAULT_N
OD8
This active low signal can be connected to an external
LED or SoC and is used by the device to indicate power
supply exceptions/failures as determined by the inte-
grated voltage/current monitors. Refer to Section 3.4,
"Voltage/Current Monitors (VMON/IMON)," on page 25
for additional information.
Power Deliv-
ery Profile
Configuration
Selector 0
CFG_SEL0
AIO
This pin is used in conjunction with CFG_SEL1 to select
the power delivery profile of the device via an externally
connected RC circuit. Refer to Section 3.3, "Configuration
Selection (CFG_SEL0/CFG_SEL1)" for additional infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com