Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 23 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 23 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 19Page - Microchip Technology UPD1001 Datasheet HTML 20Page - Microchip Technology UPD1001 Datasheet HTML 21Page - Microchip Technology UPD1001 Datasheet HTML 22Page - Microchip Technology UPD1001 Datasheet HTML 23Page - Microchip Technology UPD1001 Datasheet HTML 24Page - Microchip Technology UPD1001 Datasheet HTML 25Page - Microchip Technology UPD1001 Datasheet HTML 26Page - Microchip Technology UPD1001 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
 2014 Microchip Technology Inc.
DS00001759B-page 23
UPD1001
3.3.2
PIN CONFIGURATION
The UPD1001 32-SQFN package provides selectable pin configurations via the CFG_SEL0 and CFG_SEL1 pins, as
defined in Table 3-3, "32-SQFN CFG_SELx Configuration Assignments". Table 1-1, "UPD1001 Package/Pin Configura-
tion Summary" provides a summary of the available pin configurations. Refer to Section 2.1, "32-Pin SQFN (32-SQFN)"
for details on the corresponding package pin definitions.
3.3.3
RECEPTACLE TYPE
The USB receptacle type is configurable between Standard-A and Standard-B types via the CFG_SEL0 and CFG_SEL1
pins, as defined in Table 3-3. Each of these receptacle type settings is detailed below.
3.3.3.1
Standard-A (STD-A)
The Standard-A setting informs the device that the designer is utilizing a Standard-A USB PD receptacle.
3.3.3.2
Standard-B (STD-B)
The Standard-B setting informs the device that the designer is utilizing a Standard-B USB PD receptacle.
3.3.4
USB POWER DELIVERY ROLE SELECTION
Depending on the receptacle type selected, the device may support and swap Consumer and Provider roles.
Standard-A receptacle (captive cable or otherwise) AC adapters only support the Provider role, and therefore do not
support role swap. Standard-B receptacle AC adapters are Consumer/Providers that start operation in their default role
of Consumer and support role swapping.
Swapping rules for Standard-B AC adapters are defined as follows:
• When operating as a Consumer:
- Upon starting up, the AC adapter automatically initiates a swap request to its partner to become a Provider. If
the partner rejects the request, the AC adapter will remain in its Consumer role until the partner requests a
swap.
- If the AC adapter receives a swap request from its partner to become a Consumer, it automatically accepts it.
• When operating as a Provider
- The AC adapter will never initiate a swap request to its partner to become a Consumer.
- If the AC adapter receives a swap request from its partner to become a Consumer, it automatically accepts it
and will remain in the Consumer role (until the partner requests another swap back to Provider, or there is a
hard reset or other exception condition that causes the protocol to be re-initiated from startup). The reason for
this behavior is that the partner may have its own other external power which it decided to use instead of the
AC adapter.
Note 1: All AC Adapters will only operate when connected to external AC power. An AC Adapter that is not plugged
to the wall power supply will not be powered from its partner and will therefore not operate at all.
2: Standard-B receptacle AC adapters also support dead battery detection and can perform dead battery
implicit swaps as per the PD specification.
The various Power Delivery Provider and Consumer capabilities are detailed in the following sub-sections.
3.3.4.1
Power Delivery Provider Capabilities
The USB PD Provider capabilities may be selected via the CFG_SEL0 and CFG_SEL1 pins, as defined in Section 3.3,
"Configuration Selection (CFG_SEL0/CFG_SEL1)". Each of the PD Provider capabilities are detailed below. When
capabilities are combined, it is possible that a device can support two or more currents for the same voltage. In this case,
the device will only advertise one voltage with the highest current.
For example, a device that specifies support for “Profile 2 + 5V@3A” must support 5V@2A, 12V@1.5A and 5V@ 3A.
In this case, the device will advertise only two Power Data Objects (PDO): 5V@3A and 12V@1.5A. The device will not
explicitly advertise 5V@2A. However, a consumer that requires 5V@2A will request the 5V@ 3A PDO but only consume
2A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com