Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 25 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 25 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 21Page - Microchip Technology UPD1001 Datasheet HTML 22Page - Microchip Technology UPD1001 Datasheet HTML 23Page - Microchip Technology UPD1001 Datasheet HTML 24Page - Microchip Technology UPD1001 Datasheet HTML 25Page - Microchip Technology UPD1001 Datasheet HTML 26Page - Microchip Technology UPD1001 Datasheet HTML 27Page - Microchip Technology UPD1001 Datasheet HTML 28Page - Microchip Technology UPD1001 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
 2014 Microchip Technology Inc.
DS00001759B-page 25
UPD1001
Peak Power-Capable Setting 0b11 - 200% (PP-200)
The Peak Power-Capable 200% indicates that the UPD1001 supports providing 200% of the current limit for a 1 ms time
duration at 5% duty cycle. This will add the correct 0b11 bits to the PDO.
3.3.4.2
PD Consumer Capabilities
AC adapters are not intended to be Consumers. However, a need exists for Standard-B receptacle (Consumer/Provider)
AC adapters for powering notebooks through their PD enabled Standard-A host ports. The Power Delivery Specification
requires any consumer port to at least support VSafe5V, so a minimal non-consuming capability is defined (VSafe5V-
NC).
The USB PD Consumer capabilities may be selected via the CFG_SEL0 and CFG_SEL1 pins, as defined in Section 3.3,
"Configuration Selection (CFG_SEL0/CFG_SEL1)". Each of the PD Consumer capabilities are detailed below.
VSafe5V-NC (5V@0A)
The Consumer Capability Profile for VSafe5V Non-Consuming indicates to the UPD1001 that this solution must have
only 5 V input sources and must not consume. This is typically used in dual-role ports that offer no capability in their
default role (e.g., a Standard-B Consumer-Provider AC adapter port).
3.4
Voltage/Current Monitors (VMON/IMON)
3.4.1
VMON
The integrated voltage monitor utilizes the VMON pin to read a stepped down voltage representation of the VBUS volt-
age. This pin must be connected to a voltage divider circuit as specified in Section 2.4, "Power Connection Diagram,"
on page 18. The device monitors the VBUS voltage as a provider to manage the behavior of the power supply, detecting
power supply transitions and over/under-voltage conditions.
3.4.1.1
Power Supply Transitions
Using VMON, the device monitors the voltage on VBUS to manage the transitions of the supply output. The supply
power-on and power-off transitions are determined to be at their final states when reaching predefined voltage thresh-
olds, as detailed in Table 3-4. The power-on threshold indicates when the supply has reached the defined voltage. The
power-off threshold indicates when the supply output is discharged. All voltage transitions are bound by an internal
timer. If the voltage transition times out, the FAULT_N pin will be asserted until the power transition is successfully com-
pleted.
3.4.1.2
Overvoltage Condition
Using VMON, the device monitors the voltage on VBUS to detect an overvoltage condition on the supply output. The
overvoltage condition is determined when the predefined overvoltage threshold is crossed, as detailed in Table 3-5.
On the occurrence of the overvoltage condition:
• The supply output will turned off and discharged.
•The FAULT_N pin will be strobed approximately every 500ms.
• If more than 3 consecutive exceptions occur within a 4 second period, FAULT_N will be strobed approximately
every 5 seconds.
TABLE 3-4:
VMON POWER-ON/OFF TRANSITION THRESHOLDS
Voltage Threshold (V)
Min.
Typical
Max
Power-On
-3-
Power-Off
-2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com