Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 11 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 11 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 7Page - Microchip Technology UPD1001 Datasheet HTML 8Page - Microchip Technology UPD1001 Datasheet HTML 9Page - Microchip Technology UPD1001 Datasheet HTML 10Page - Microchip Technology UPD1001 Datasheet HTML 11Page - Microchip Technology UPD1001 Datasheet HTML 12Page - Microchip Technology UPD1001 Datasheet HTML 13Page - Microchip Technology UPD1001 Datasheet HTML 14Page - Microchip Technology UPD1001 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
 2014 Microchip Technology Inc.
DS00001759B-page 11
UPD1001
Power Deliv-
ery Profile
Configuration
Selector 1
CFG_SEL1
AIO
This pin is used in conjunction with CFG_SEL0 to select
the power delivery profile of the device via an externally
connected RC circuit. Refer to Section 3.3, "Configuration
Selection (CFG_SEL0/CFG_SEL1)" for additional infor-
mation.
Source
Voltage
Select 0
VSEL0
OD8
This pin is used in conjunction with VSEL1 to select the
correct source voltage from the DC-to-DC or AC-to-DC
solution. VSEL1 and VSEL0 select the voltage value from
the supported voltage capabilities in ascending order with
VSEL0 being the least significant bit (see examples
below).
For example, if an adapter supports 5, 9, and 20 V capa-
bilities, the VSEL1 and VSEL0 selections will be as fol-
lows:
VSEL1 VSEL0
0
0:
5V
0
1:
9V
1
0:
20 V
1
1:
RESERVED
In another example, if an adapter supports 5, 9, 12, and
20 V capabilities, the VSEL1 and VSEL0 selections will
be as follows:
VSEL1 VSEL0
0
0:
5V
0
1:
9V
1
0:
12 V
1
1:
20 V
For a mapping of the VSEL1/VSEL0 voltage assignments
for each CFG_SEL1/CFG_SEL0 configuration profile,
refer to TABLE 3-3: 32-SQFN CFG_SELx Configuration
Assignments on page 21.
Note:
This function is only available in specific
device configurations.
Source
Voltage
Select 1
VSEL1
OD8
This signal is used in conjunction with VSEL0 to select
the correct source voltage from the DC-to-DC or AC-to-
DC solution. VSEL0 and VSEL1 select the voltage value
from the supported voltage capabilities in ascending
order.
Refer to the VSEL0 definition for additional information.
Note:
This function is only available in specific
device configurations.
TABLE 2-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com