Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 7 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 7 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 3Page - Microchip Technology UPD1001 Datasheet HTML 4Page - Microchip Technology UPD1001 Datasheet HTML 5Page - Microchip Technology UPD1001 Datasheet HTML 6Page - Microchip Technology UPD1001 Datasheet HTML 7Page - Microchip Technology UPD1001 Datasheet HTML 8Page - Microchip Technology UPD1001 Datasheet HTML 9Page - Microchip Technology UPD1001 Datasheet HTML 10Page - Microchip Technology UPD1001 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
 2014 Microchip Technology Inc.
DS00001759B-page 7
UPD1001
Note:
The buffer type for each signal is indicated in the BUFFER TYPE column of Table 2-2, "Pin Descriptions".
A description of the buffer types is provided in Section 2.3, "Buffer Types".
2.1.2
32-SQFN PIN ASSIGNMENTS
The UPD1001 32-SQFN provides two distinct pin configurations (32-A and 32-B) based upon the CFG_SEL0 and
CFG_SEL1 Configuration Select pins. The 32-A and 32-B pin configurations are designed for use with USB Standard-
A and Standard-B receptacles, respectively, and are detailed in Table 2-1. For pin descriptions, refer to Section 2.2, "Pin
Descriptions". For example connection diagrams, refer to Section 2.4, "Power Connection Diagram," on page 18. For
information on the Configuration Select pins, refer to Section 3.3, "Configuration Selection (CFG_SEL0/CFG_SEL1)".
Note:
The 32-A and 32-B pin configuration assignments differ only on pins 14, 15, and 16.
TABLE 2-1:
32-SQFN PACKAGE PIN ASSIGNMENTS
Pin Number
Configuration 32-A Name
Configuration 32-B Name
1
CFG_SEL0
2
CFG_SEL1
3
IFAULT
4
VDD33_CAP
5
VBUS
6
VSW_CAP
7
VTR
8
VDD18A_CAP
9
SPI_ROM_CE_N
10
SPI_ROM_CLK
11
SPI_ROM_DO
12
SPI_ROM_DI
13
VDDIO
14
INSERTION_DETECT
BULK_CAP
15
PD_DETECT
SAFEDB_EN
16
CHG_EMU_EN
NC
17
VMON
18
IMON
19
VDDIO
20
VDD18_CAP
21
PD_VDD18
22
PD_EN_N
23
PD_ID
24
PD_DATA
25
VBUS_DISCHARGE
26
TEST
27
RESET_N
28
VSEL0_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com