Electronic Components Datasheet Search
  English  ▼

X  

UPD1001 Datasheet(PDF) 16 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 16 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 12Page - Microchip Technology UPD1001 Datasheet HTML 13Page - Microchip Technology UPD1001 Datasheet HTML 14Page - Microchip Technology UPD1001 Datasheet HTML 15Page - Microchip Technology UPD1001 Datasheet HTML 16Page - Microchip Technology UPD1001 Datasheet HTML 17Page - Microchip Technology UPD1001 Datasheet HTML 18Page - Microchip Technology UPD1001 Datasheet HTML 19Page - Microchip Technology UPD1001 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
UPD1001
DS00001759B-page 16
 2014 Microchip Technology Inc.
+1.8 V Analog
Power
Capacitance
VDD18A_CAP
P
This pin is used to provide capacitance for the integrated
+1.8 V analog regulator and must be connected to a 1 µF
(<100 m
Ω ESR) capacitor to ground. Refer to Figure 2-4
for additional power connection information.
+3.3 V Power
Capacitance
VDD33_CAP
P
+3.3 V regulator output. This pin must be connected to a
1µF (<100m
Ω ESR) capacitor to ground. Refer to
Figure 2-4 for additional power connection information.
Integrated
Power Switch
Capacitance
VSW_CAP
P
This pin is used to provide capacitance for the integrated
power switch and must be connected to a 1 µF (<100 m
Ω
ESR) capacitor to ground. Refer to Figure 2-4 for addi-
tional power connection information.
Note:
This function is only available in specific
device configurations.
Ground
VSS
P
Common ground. This exposed pad must be connected
to the ground plane with a via array.
TABLE 2-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com