Electronic Components Datasheet Search
  English  ▼

X  

TAS3103 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 101Page - Texas Instruments TAS3103 Datasheet HTML 102Page - Texas Instruments TAS3103 Datasheet HTML 103Page - Texas Instruments TAS3103 Datasheet HTML 104Page - Texas Instruments TAS3103 Datasheet HTML 105Page - Texas Instruments TAS3103 Datasheet HTML 106Page - Texas Instruments TAS3103 Datasheet HTML 107Page - Texas Instruments TAS3103 Datasheet HTML 108Page - Texas Instruments TAS3103 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 146 page
background image
3−45
Table 3−7. DRC Example 4 Parameters
DRC
PARAMETER
REQUIRED (SPECIFIED) VALUE
(NET GAINSAP Input-DRC = 0 dB)
I2C COEFFICIENT VALUE
T2
−22 dBInput ≥ −70 dBDRC
−70/−6.0206= 11.626748
= 0x000005D0394825.23 Format
T1
−102 dBInput ≥ −150 dBDRC
−150/−6.0206 = 24.91446
= 0x00000C750D0925.23 Format
O2
100 dB
(100 + 24.0824)/6.0206 = 20.609640
= 0x00000A4E08B025.23 Format
O1
0 dB
(0 + 24.0824)/6.0206
= 4.000000
= 0x00000200000025.23 Format
k2
1:1.4 Expansion
1.4 − 1 = 0.4 = 0X03333335.23 Format
k1
1:−1 Transfer
(1/−1) − 1 = −1 −1 = −2 = 0XF0000005.23 Format
k0
1:1.5 Expansion
1.5 − 1 = 0.5 = 0x04000005.23 Format
3.8
Spectrum Analyzer/VU Meter
The TAS3103 contains an I2C bus programmable function block that can serve as either a spectrum analyzer or a
volume unit (VU) meter. Figure 3−26 shows the structure of this function block and lists the I2C subaddress of the
parameters that control it.
The block consists of 10 biquad filters, each followed by an rms estimator and a logarithmic converter. Two nodes
provide input to the block, with each node servicing five of the 10 biquad filters. Audio from input node s can either
come exclusively from channel 1, channel 2, channel 3, or from a gain-weighted combination of these channels. Audio
from input node t can also come exclusively from either channel 1, channel 2, or channel 3, or from a gain-weighted
combination of these channels. The spectrum analyzer then can be used to divide the audio frequency band into ten
frequency bins to examine the spectrum of the audio data stream on channel 1, channel 2, channel 3, or any
combination of these channels. The spectrum analyzer can also be used to divide the audio frequency band into five
frequency bins to examine the spectral content of two of the channels independently.
The VU meter is a special case of the spectrum analyzer that uses only the outputs from biquad 5 and biquad 6.
Typically, for the VU meter, one channel would be routed to biquad 5 (node s) and a different channel would be routed
to biquad 6 (node t). Each biquad filter would be assigned a band pass transfer function that encompasses most of
the audio band, or the filter could be configured as a pass-through device to see the full spectral band. The two outputs
then would be a measure of the energy on the two channels. Other options for the VU meter are also available. For
example, by properly setting the coefficients on biquad 5 and biquad 6, the concurrent measurement of bass and
treble volume levels on a single channel could be made.
Mixer and summation elements preceding the two input nodes s and t provide a means of adjusting the spectrum
analyzer and VU meter outputs relative to the incoming audio data stream. The spectrum analyzer and VU meter
outputs are unsigned 5.3 format base 2 logarithmic numbers. The integer part of the number designates the most
significant bit (in the 48-bit digital audio processor − DAP − word) occupied by the magnitude of the rms estimate of
the biquad filter output. A value of 31 means the magnitude of the rms estimate occupies bit 47 of the 48-bit DAP word
(bit 48 is the sign bit, and using the absolute value of the biquad filter output in determining the rms estimate makes
this bit always 0 in value). A value of 30 means the magnitude of the rms estimate occupies bit 46 and this pattern
continues with a value of 1 signifying the magnitude of the rms estimate occupies bit 17. A value of 0 signifies that
the magnitude of the rms estimate is below bit 17. The fractional digits in the 5.3 formatted number are simply the
three bits below the most significant data bit. If the rms estimate lies below bit 16 of the 48-bit DAP word, the spectrum
analyzer/VU meter output is 0.0. Figure 3−27 gives examples of logarithmic outputs for different 48-bit rms estimate
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com