Electronic Components Datasheet Search
  English  ▼

X  

TAS3103 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3103
Description  Digital Audio Processor With 3D Effects
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3103 Datasheet(HTML) 121 Page - Texas Instruments

Back Button TAS3103 Datasheet HTML 117Page - Texas Instruments TAS3103 Datasheet HTML 118Page - Texas Instruments TAS3103 Datasheet HTML 119Page - Texas Instruments TAS3103 Datasheet HTML 120Page - Texas Instruments TAS3103 Datasheet HTML 121Page - Texas Instruments TAS3103 Datasheet HTML 122Page - Texas Instruments TAS3103 Datasheet HTML 123Page - Texas Instruments TAS3103 Datasheet HTML 124Page - Texas Instruments TAS3103 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 146 page
background image
4−5
4.4.3
Serial Audio Port Slave Mode Signals Over Recommended Operating Conditions (unless
otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
fLRCLK
Frequency, LRCLK (FS)
8
96
kHz
tw(SCLKIN)
Pulse duration, SCLKIN high
See Note 14
0.25 HSCLKIN
HSCLKIN
0.75 HSCLKIN
ns
fSCLKIN
Frequency, SCLKIN
See Note 13
32FS
25
MHz
tcyc
Cycle time, SCLKIN
See Note 13
40
1/32FS
ns
tpd1
Propagation delay, SCLKIN falling edge to
SDOUT
15.1
ns
tsu1
Setup time, LRCLK to SCLKIN rising edge
6.6
ns
th1
Hold time, LRCLK from SCLKIN rising edge
0
ns
tsu2
Setup time, SDIN to SCLKIN rising edge
1.15
ns
th2
Hold time, SDIN from SCLKIN rising edge
2.3
ns
tpd2
Propagation delay,
SCLKIN falling edge
SCLKOUT2 = SCLKIN
12.4
ns
tpd2
SCLKIN falling edge
to SCLKOUT2 falling
edge
SCLKOUT2 < SCLKIN
12.5
ns
NOTES: 13. Typical duty cycle is 50/50.
14. HSCLKIN = 1/2fSCLKIN
SCLKIN
LRCLK
(Input)
SDOUT1
SDOUT2
SDOUT3
SDIN1
SDIN2
SDIN3
SCLKOUT2
th1
tsu1
tpd1
tpd2
tsu2
th2
tcyc
tw(SCLKIN)
SDIN4
Figure 4−3. Serial Audio Port Slave Mode Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com