Electronic Components Datasheet Search
  English  ▼

X  

DP83266 Datasheet(PDF) 117 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 117 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 113Page - National Semiconductor (TI) DP83266 Datasheet HTML 114Page - National Semiconductor (TI) DP83266 Datasheet HTML 115Page - National Semiconductor (TI) DP83266 Datasheet HTML 116Page - National Semiconductor (TI) DP83266 Datasheet HTML 117Page - National Semiconductor (TI) DP83266 Datasheet HTML 118Page - National Semiconductor (TI) DP83266 Datasheet HTML 119Page - National Semiconductor (TI) DP83266 Datasheet HTML 120Page - National Semiconductor (TI) DP83266 Datasheet HTML 121Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 152 page
background image
70 Control Information (Continued)
712 POINTER RAM REGISTER DESCRIPTIONS
The Pointer RAM Register set contains 32 28-bit registers
Registers 23 through 31 are reserved and user access of
these locations produces undefined results Pointer RAM
Registers are read and written by the host using the Pointer
RAM Operation (PTOP) service function and are accessed
directly by MACSI device hardware during Indicate and Re-
quest operations After initialization the Pointer RAM Regis-
ters are maintained by the MACSI device and do not require
host intervention
During Indicate and Request operations Pointer RAM regis-
ters are used as addresses for ABus accesses of data and
Descriptors
ie
the subchannel addresses for loads
(reads) of streams of PSPs ODUs ODUDs and REQs and
for stores (writes) of streams of IDUs IDUDs and CNFs
Pointer RAM Registers include the following
ODU Pointer
Contains the address of an Output Data Unit
During Request operations this register is loaded by the
MACSI device from the Location Field of its Output Data
Unit Descriptor
ODUD List Pointer
Loaded by the MACSI device from the
Location Field of the REQ Descriptor when it is read from
memory The address is incremented by the MACSI device
as each ODUD is fetched from memory
CNF Queue Pointer
Contains the current CNF Status
Queue address This register is written by the user after he
has allocated space for the CNF Queue During Request
operations this register is incremented by the MACSI de-
vice after each CNF is written to the CNF Queue
REQ Queue Pointer
Initialized by the host with the start
address of the REQ Descriptor Queue after the Queue has
been initialized During Request operations the address is
incremented by the MACSI device as each REQ is fetched
IDU Pointer
Written by the MACSI device with the Location
Field of the PSP Descriptor when it is loaded from the PSP
pre-fetch register
IDUD Queue Pointer
Points to the Queue location where
IDUDs will be stored Written by the user after he has allo-
cated space for the IDUD Status Queue Incremented by
the MACSI device as IDUDs are written to consecutive loca-
tions in the Queue
PSP Queue Pointer Register
Points to the next available
PSP Initialized by the host with the start address of the PSP
Queue As each PSP is read from memory this register is
incremented
Next PSP Register
Written by the MACSI device with the
PSP fetched from the PSP Queue
Indicate Shadow Register
Written by the MACSI device
with the start address of the last IDU copied to memory
Request Shadow Register
Written by the MACSI device
with the address of the current ODUD
See
Figure 7-3 for Summary including address and access
rules
713 LIMIT RAM REGISTER DESCRIPTIONS
The Limit RAM Register set contains 16 9-bit registers
Registers 11 through 15 are reserved and access of these
locations produces undefined results
The Limit RAM registers contain data values that define the
limits of each of the ten queues maintained by the MACSI
device
Limit RAM Registers are read and written by the host using
the Limit RAM Operation (LMOP) service function when the
StatusSpace Machine is in STOP Mode and are read di-
rectly by MACSI device hardware during Indicate and Re-
quest operations
Limit RAM Registers include the following
REQ Queue Limit
Defines the last valid REQ written by the
host
CNF Queue Limit Register
Defines the last Queue loca-
tion where a CNF may be written by the MACSI device Due
to pipelining the MACSI device may write up to two CNFs
after it detects a write to the next-to-last CNF entry (and
generates a No Status Space Attention) For this reason
the host must always define the CNF queue limit to be one
Descriptor less than the available space
IDUD Queue Limit Register
Defines the last Queue loca-
tion where an IDUD may be written by the MACSI device
PSP Queue Limit
Defines the last valid PSP written by the
host
See
Figure 7-4 for Summary including address and access
rules
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com