Electronic Components Datasheet Search
  English  ▼

X  

DP83266 Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 135Page - National Semiconductor (TI) DP83266 Datasheet HTML 136Page - National Semiconductor (TI) DP83266 Datasheet HTML 137Page - National Semiconductor (TI) DP83266 Datasheet HTML 138Page - National Semiconductor (TI) DP83266 Datasheet HTML 139Page - National Semiconductor (TI) DP83266 Datasheet HTML 140Page - National Semiconductor (TI) DP83266 Datasheet HTML 141Page - National Semiconductor (TI) DP83266 Datasheet HTML 142Page - National Semiconductor (TI) DP83266 Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 152 page
background image
90 Electrical Characteristics
91 ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Supply Voltage
b
05
70
V
DCIN
Input Voltage
b
05
VCC a 05
V
DCOUT
Output Voltage
b
05
VCC a 05
V
TSTG
Storage Temperature
b
65
150
C
TL
Lead Temperature
Soldering 10 Sec
230
C
(IR or Vapor)
(Phase Reflow)
ESD Protection
2000
V
92 RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Supply Voltage
475
525
V
TA
Operating Temperature
0
70
C
PD
Power Dissipation
CL e 50 pf
945
mW
LBC e 125 MHz
AB
CLK e 25 MHz
93 DC ELECTRICAL CHARACTERISTICS
The DC characteristics are over the operating range unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
Output High Voltage
IOH eb8 mA
24
V
VOL1
Output Low Voltage
IOL e 8 mA
04
V
VOL2
Output Low Voltage for INT0 INT1 and ACK (open drain)
IOL e 8 mA
04
V
VIH
Input High Voltage
20
V
VIL
Input Low Voltage
08
V
IIL
Input Low Current
VIN e GND
b
10
m
A
IIH
Input High Current
VIN e VCC
a
10
m
A
IOZ1
TRI-STATE Leakage
g
10
m
A
IOZ2
TRI-STATE Leakage for INT0 INT1 and ACK (open drain)
g
10
m
A
ICC
Dynamic Supply Current
CL e 50 pf
180
mA
LBC e 125 MHz
AB
CLK e 25 MHz
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com