Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 26Page - National Semiconductor (TI) DP8344B Datasheet HTML 27Page - National Semiconductor (TI) DP8344B Datasheet HTML 28Page - National Semiconductor (TI) DP8344B Datasheet HTML 29Page - National Semiconductor (TI) DP8344B Datasheet HTML 30Page - National Semiconductor (TI) DP8344B Datasheet HTML 31Page - National Semiconductor (TI) DP8344B Datasheet HTML 32Page - National Semiconductor (TI) DP8344B Datasheet HTML 33Page - National Semiconductor (TI) DP8344B Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 184 page
background image
20 CPU Description (Continued)
CCS as shown in
Figure 2-13 The switch occurs on the
falling edge of X1 when CPU-CLK is low CPU-CLK can be
changed back to OCLK2 by writing a one to CCS
The
point at which CPU-CLK changes depends on whether
there has been an odd or even number of T-states since
CCS was set low The change would require a maximum
of two T-states and a minimum of one T-state following the
end of the instruction that writes to CCS
The CPU is a RISC processor with a limited number of in-
structions which execute in a short period of time The maxi-
mum instruction cycle time is four T-states and the minimum
is two T-states Six types of instruction timing are used in
the CPU two T-state three T-state program control three
T-state data memory access four T-state read data memory
access four T-state program control and four T-state two
word program control The first T-state of each instruction
is T1 and the last T-state is T2 Intermediate T-states re-
quired to complete the instruction are referred to as TX
The instruction clock output ICLK defines the instruction
boundaries ICLK rises at the beginning of each instruction
and falls one-half T-state after the next address is generat-
ed on the instruction address bus IA Thus ICLK indicates
the start of each instruction and when the next instruction
address is valid
TLF9336 – D5
FIGURE 2-12 CPU-CLK Synchronization with X1
TLF9336 – D6
FIGURE 2-13 Changing from OCLK2 to OCLK
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com