Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 42Page - National Semiconductor (TI) DP8344B Datasheet HTML 43Page - National Semiconductor (TI) DP8344B Datasheet HTML 44Page - National Semiconductor (TI) DP8344B Datasheet HTML 45Page - National Semiconductor (TI) DP8344B Datasheet HTML 46Page - National Semiconductor (TI) DP8344B Datasheet HTML 47Page - National Semiconductor (TI) DP8344B Datasheet HTML 48Page - National Semiconductor (TI) DP8344B Datasheet HTML 49Page - National Semiconductor (TI) DP8344B Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 184 page
background image
20 CPU Description (Continued)
TLF9336 – F8
FIGURE 2-35 DP8344B Operation with Crystal
TLF9336 – F9
FIGURE 2-36 DP8344B Operation with External Clock
30 Transceiver
31 TRANSCEIVER ARCHITECTURAL DESCRIPTION
The transceiver section operates as an on-chip indepen-
dent peripheral implementing all the necessary formatting
required to support the physical layer of the following serial
communications protocols
 IBM 3270 (including 3299)
 IBM 5250
 NSC general purpose 8-bit
The CPU and transceiver are tightly coupled through the
CPU register space with the transceiver appearing to the
CPU as a group of special function registers and three dedi-
cated interrupts The transceiver consists of separate trans-
mitter and receiver logic sections each capable of indepen-
dent operation communicating with the CPU via an asyn-
chronous interface This interface is software configurable
for both polled and interrupt-driven interaction allowing the
system designer to optimize his product for the specific ap-
plication
The transceiver connects to the line through an external line
interface circuit which provides the required DC and AC
drive characteristics appropriate to the application A block
diagram of such an interface is shown in
Figure 3-1 An on-
chip differential analog comparator optimized for use in a
transformer coupled coax interface is provided at the input
to the receiver Alternatively if an external comparator is
necessary the input signal may be routed to the DATA-IN
pin
TLF9336 – 33
FIGURE 3-1 System Block Diagram Showing Details of the Line Interface
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com