Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 92Page - National Semiconductor (TI) DP8344B Datasheet HTML 93Page - National Semiconductor (TI) DP8344B Datasheet HTML 94Page - National Semiconductor (TI) DP8344B Datasheet HTML 95Page - National Semiconductor (TI) DP8344B Datasheet HTML 96Page - National Semiconductor (TI) DP8344B Datasheet HTML 97Page - National Semiconductor (TI) DP8344B Datasheet HTML 98Page - National Semiconductor (TI) DP8344B Datasheet HTML 99Page - National Semiconductor (TI) DP8344B Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 184 page
background image
50 Device Specifications (Continued)
52 ABSOLUTE MAXIMUM RATINGS
(Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage (VIN)or
b
05V to VCC a 05V
DC Input Diode Current
g
20 mA
DC Output Voltage (VOUT)or
b
05V to VCC a 05V
DC Output Current per Pin (IOUT)
g
20 mA
DC VCC or GND Current per Pin
g
50 mA
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)
500 mW
Lead Temperature (Soldering 10 sec)
260 C
ESD Tolerance CZAP e 120 pF
RZAP e 1500X
20 kV
53 OPERATING CONDITIONS
Min
Max
Units
Supply Voltage (VCC)
45
55
V
DC Input or Output Voltage
(VIN VOUT)
00
VCC
V
Operating Temp Range (TA)0
70
C
Input Rise or Fall Times (tr tf)
500
ns
Oscillator Crystal RS
20
X
VCC Power Up Ramp
6
ms
DC ELECTRICAL CHARACTERISTICS
VCC e 5V g10% (unless otherwise specified)
Symbol
Parameter
Conditions
Guaranteed
Units
Limits 0 – 70 C
VIH
Minimum High Level Input Voltage
X1 (Note 3)
35
V
All Other Inputs Except bALG-IN aALG-IN
20
V
VIL
Maximum Low Level Input Voltage
X1 (Note 3)
17
V
All Other Inputs Except bALG-IN aALG-IN
08
V
VIH–VIL
Minimum DATA-IN Hysteresis
01
V
VSENS
Minimum Analog Input INa INb
Figure 5-8b
20
mV
Differential Sensitivity
VBIAS
Common Mode Analog Input
User Provided Bias Voltage
Min 225
V
Bias Voltage
Max 275
V
VOH
Minimum High Level
VIN e VIH or VIL
Output Voltage
lIOUTle 20 mAVCC b 01
V
IA A AD
lIOUTle 40 mA VCC e 45V
35
V
All Other Outputs
lIOUTle 10 mA VCC e 45V
35
V
VOL
Maximum Low Level
VIN e VIH or VIL
Output Voltage
lIOUTle 20 mA
01
V
IA A AD
lIOUTle 40 mA VCC e 45V
04
V
All Other Outputs
lIOUTle 10 mA VCC e 45V
04
V
IIN
Maximum Input Current
VIN e VCC or GND
b
ALG-IN aALG-IN
g
10
m
A
X1 (Note 3)
g
20
m
A
All Others
g
10
m
A
IOZ
Maximum TRI-STATE Output
VOUT e VCC or GND
g
10
m
A
Leakage Current
ICC
Maximum Operating
VIN e VCC or GND
Supply Current
TCLK e 8 MHz CPU-CLK e 16 MHz
Total to 4 VCC Pins
Xcvr and CPU Operating
61
mA
(Note 4)
Xcvr Idle CPU Waited
29
mA
VIN e VCC or GND
TCLK e 20 MHz CPU-CLK e 20 MHz
Xcvr and CPU Operating
71
mA
Xcvr Idle CPU Waited
31
mA
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
X2 is an internal node with ESD protection Do not use other than with crystal oscillator application
Note 4
No DC loading with X1 driven no crystal AC load per Test Circuit for Output Tests
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com