| Electronic Components Datasheet Search |
|
DP8344B Datasheet(PDF) 85 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8344B Datasheet(HTML) 85 Page - National Semiconductor (TI) |
|
85 / 184 page ![]() 40 Remote Interface and Arbitration System (RIAS) (Continued) 425 Latched Write This mode executes a write without waiting the Remote ProcessorXACK isn’t normally taken low The complete flow chart for the Latched Write mode is shown in Figure 4-22 Until a Remote Write is initiated (RAE REM-WR true) the state machine (RASM) loops in state RSA If the BCP CPU needs to access Data Memory at this time (and LOCK is high) it can still do so A local access is requested by the Timing Control Unit asserting the Local Bus Request (LCL-BREQ) signal A local bus grant will be given by RASM if the buses are not being used (as is the case in RSA) RASM will move into RSB on the next clock after RAE REM-WR is asserted XACK is not taken low and therefore the RP is not waited The state machine will loop in RSB until the RP terminates its write cycleuntil RAE REM-WR is no longer true The external address and data latches are typically latched on the trailing edge of REM-WR A local bus request will still be serviced in this state Next RASM enters RSC and WR-PEND is asserted to pre- vent overwrite of the external latches Since the RP has completed its write cycle another write or read can happen at any time Any Remote Read cycle (RAE REM-RD) or Remote Write cycle (RAE REM-WR) occurring after the state machine enters RSC will take XACK low A local ac- cess initiated before or during this state must be completed before RASM can move to RSD Once RSD is entered though no further local bus requests will be granted until RASM enters the Termination Phase If the BCP CPU initi- ates a Data Memory access after RSC the Timing Control Unit will be waited and the BCP CPU will remain in state TWr until the RASM enters RSH Half a T-state after entering RSB the A and AD buses go into TRI-STATE On the next clock the state machine enters RSE and LCL is taken high WR-PEND continues to be asserted low in this state and the data and instruction wait state counters iDW and iIW are loaded from DW2–0 and IW1–0 respective- ly in DCR The A and AD buses remain in TRI-STATE and the Access Phase begins Any remote accesses now occurring will take XACK low and wait the Remote Proces- sor If the Remote Access is to IMEM and the high instruc- tion byte flag is set (ie HIB e 1) then IWR is asserted low in RSE The state machine will move into one of several states on the next clock depending on the state of CMD and MS1–0 WR-PEND remains low and LCL remains high in all the possible next states If CMD is high the access is to RIC and the next state will be RSF1 The path from AD to RIC opens in this state Any remote access mode chang- es made by this write will not take effect until one T-state after the completion of the present write The five other next states all have CMD low and depend on the Memory Select bits If MS1–0 is 10 or 11 the state machine will enter either RSF2 or RSF3 and the low or high bytes of the Program Counter respectively will be loaded MS1–0 e 00 designates a Data Memory access and moves RASM into RSF4 WRITE will be asserted low in this state and A and AD continue to be tri-stated This allows the Remote Processor to drive the Data Memory address and data for the write Since DMEM is subject to wait states RSF4 is looped upon until all the programmed Data Memory wait states have been inserted The last possible Memory Selection is Instruction Memory MS1–0 e 01 The two possible next states for IMEM de- pend on if RASM is expecting the low byte or high byte Instruction words are accessed low byte then high byte and RASM powers up expecting the low Instruction byte The internal flag that keeps track of the next expected Instruc- tion byte is called the High Instruction Byte flag (HIB) If HIB is low the next state is RSF5 and the low instruction byte is written into the holding register ILAT If HIB is high the high instruction byte is moved to I15 – 8 and the value in ILAT is moved to I7 – 0 At the same time IWR is asserted low and the write to Instruction Memory is begun An IMEM access like a DMEM access is subject to wait states and these states will be looped on until all programmed instruction memory wait states have been inserted Note Resetting the BCP will reset HIB (ie HIB e 0) Writing 01 to the Memory Select bits in RIC (ie MS1–0 e 01 pointing to IMEM) will also force HIB to zero This way the instruction word boundary can be reset without resetting the BCP All the RSF states converge to a single decision box that tests WAIT If WAIT is low then the state machine loops back to RSF otherwise RASM will move on to RSG LCL remains high and WR-PEND remains low in this state but the actions specific to the RSF states have ended (ie WRITE will no longer be asserted low) The next CPU-CLK moves RASM into RSH the last state in the state machine LCL returns low but WR-PEND is still low The A and AD buses remain in TRI-STATE for the first half of RSH XACK will be taken low if a Remote Access is initiated If the just completed access was to IMEM HIB will be switched Also the PC will be incremented if the high byte was written A local access will be granted if LCL- BREQ is asserted in this state If another Remote Write is pending the state machine takes the path to RSB where that write will be processed A pend- ing Remote Read will return to the RSA in either the Buff- ered or Latched Read sections (not shown in Figure 4-22 ) of the state machine And if no Remote Access is pending the machine will loop in RSA until the next access is initiat- ed In Figure 4-23 the BCP is executing the first of two Data Memory writes when REM-WR goes low The BCP takes no action until REM-WR goes back high latching the data and making a remote access request The BCP responds to this by taking WR-PEND low At the end of the first instruction although the BCP begins its second write by taking ALE high RASM now takes control of the bus and deasserts LCL high at the end of T1 A one T-state delay is built into this transfer to ensure that WRITE has been deasserted high before the data bus is switched Timing Control Unit is now waited inserting remote access wait states TWr as RASM takes over The remote address is permitted one T-state to settle on the BCP address bus before WRITE goes low WRITE then re- turns high one T-state plus the programmed Data Memory wait state TWd later having satisfied the memory access time and one T-state later LCL is reasserted low transfer- ring bus control back to the BCP In this example REM-WR goes low again during the remote write cycle which since WR-PEND is still low causes XACK to go low to wait the Remote Processor Then LCL goes low allowing the second data byte to be latched on the next trailing edge of REM-WR One T-state later XACK and WR-PEND go back high at the same time 85 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |