| Electronic Components Datasheet Search |
|
DP8344B Datasheet(PDF) 52 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8344B Datasheet(HTML) 52 Page - National Semiconductor (TI) |
|
52 / 184 page ![]() 30 Transceiver (Continued) 321 Transmitter The transmitter accepts parallel data from the CPU formats it according to the desired protocol and transmits it as a serial biphase-encoded bit stream A block diagram of the transmitter logic is shown in Figure 3-6 Two biphase out- puts DATA-OUT DATA-DLY and the external line driver enable TX-ACT provide the data and control signals for the external line interface circuitry The two biphase outputs are valid only when TX-ACT is asserted (high) and provide the necessary phase relationship to generate the ‘‘predistor- tion’’ waveform common to all of the transceiver protocols See Figure 3-7 for the timing relationships of these outputs as well as the output of the line driver For a recommended 32703299 coax interface see Section 3251 3270 Line Interface For a recommended 5250 twinax interface see Section 3252 5250 Line Interface The capability is provided to invert DATA-OUT and DATA- DLY via the Transmitter Invert bit TIN located in the Transceiver Mode Register TMR In addition the timing relationship between TX-ACT and the two biphase outputs can be modified with the Advance Transmitter Active con- trol ATA When ATA is cleared low (the power-up condi- tion) the transmitter generates exactly five line quiesce bits at the start of each message as shown in Figure 3-7 If ATA is asserted high the transmitter generates a sixth line quiesce bit adding one biphase bit time to the start se- quence transmission The line driver enable TX-ACT is as- serted halfway through this bit time allowing an additional half-bit to precede the first full line quiesce of the transmit- ted waveform Also the state of DATA-DLY is such that no predistortion results on the line during this first half line quiesce This modified start sequence is depicted in the dot- ted lines shown in Figure 3-7 and is used to limit the initial transient voltage amplitude when the message begins Data is loaded into the transmitter by writing to the Receive Transmit Register RTR causing the first location of the FIFO to be loaded with a 12-bit word (8 bits from RTR and 4 bits from the Transceiver Command Register TCR The data byte to be transmitted is loaded into RTR and TCR contains additional information required by the pro- tocol It is important to note that if TCR is to be changed it must be loaded before RTR A multi-frame transmission is accomplished by sequentially loading the FIFO with the required data the transmitter taking care of all necessary frame formatting If the FIFO was previously empty indicated by the Transmit FIFO Empty flag TFE being asserted the first word loaded into the FIFO will asynchronously propagate to the last loca- tion in approximately 40 ns leaving the first two locations empty It is therefore possible to load up the FIFO with three sequential instructions at which time the Transmit FIFO Full flag TFF will be asserted If RTR is written while TFF is high the first location of the FIFO will be over-written and that data will be destroyed When the first word is loaded into the FIFO the transmitter starts up from idle asserting TX-ACT and the Transmitter Active flag TA and begins generating the start sequence After a delay of approximately 16 TCLK cycles (2 biphase bit times) the word in the last location of the FIFO is loaded into the encoder and prepared for transmission If the FIFO was full TFF will be de-asserted when the encoder is loaded allowing an additional word to be loaded into the FIFO When the last word in the FIFO has been loaded into the encoder TFE goes high indicating that the FIFO is empty To ensure the continuation of a multi-frame message more data must then be loaded into the FIFO before the encoder starts the transmission of the last bit of the current frame (the frame parity bit for 3270 3299 and 8-bit modes the last of the three mandatory fill bits for 5250) This maximum load time from TFE can be calculated by subtracting two from the number of bits in each frame of the respective protocol and multiplying that result by the bit rate This number represents the best case time to loadthe worst case value is dependent on CPU performance Since the CPU samples the transceiver flags and interrupts at instruc- tion boundaries the CPU clock rate wait states (from pro- grammed wait states asserting the WAIT pin or remote ac- cess cycles) and the type of instruction currently being exe- cuted can affect when the flag or interrupt is first presented to the CPU If there is no further data to transmit (or if the load window is missed) the ending sequence (327032998-bit) is generat- ed and the transmitter returns to idle de-asserting TX-ACT and TA In 5250 mode the three required fill bits are sent and TX-ACT and TA are de-asserted at a time dependent on the value of bits 7 through 3 of the Auxiliary Transceiver Register ATR If ATR 7–3 e 00000 TX-ACT and TA are de-asserted at the end of the third required fill bit result- ing in no additional ‘‘line hold’’ at the end of the message Each increment of ATR 7–3 results in an additional half bit time of line hold up to a maximum of 155 bit times Data should not be loaded into the FIFO after the transmit- ter is committed to ending the message and before the TA flag is deasserted If this occurs the load will be missed by the transmitter control logic and the word(s) will remain in the FIFO This condition exists when TA and TFE are both low at the same time and can be cleared by resetting the transceiver (asserting TRES ) or by loading more data into the FIFO in which case the first frame(s) transmitted will contain the word(s) left in the FIFO from the previous message 52 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |