| Electronic Components Datasheet Search |
|
DP8344B Datasheet(PDF) 74 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8344B Datasheet(HTML) 74 Page - National Semiconductor (TI) |
|
74 / 184 page ![]() 40 Remote Interface and Arbitration System (RIAS) (Continued) The last possible Memory Selection is Instruction Memory MS1–0 e 01 The two possible next states for an IMEM access depend on if RASM is expecting the low byte or high byte Instruction words are accessed low byte then high byte and RASM powers up expecting the low Instruction byte The internal flag that keeps track of the next expected Instruction byte is called the High Instruction Byte flag (HIB) If HIB is low the next state is RSD5 and the low instruction byte is MUXed to the AD bus If HIB is high the high instruc- tion byte is MUXed to AD and RSD6 is entered An IMEM access like a DMEM access is subject to wait states and these states will be looped on until all programmed instruc- tion memory wait states have been inserted Note Resetting the BCP will reset HIB (ie HIB e 0) Writing 01 to the Memory Select bits in RIC (ie MS1–0 e 01 pointing to IMEM) will also force HIB to zero This way the instruction word boundary can be reset without resetting the BCP After all of the programmed wait states are inserted in the RSD states more wait states may be added by asserting WAIT low a half T-state before the end of the last pro- grammed wait state If there are no programmed wait states WAIT must be asserted low a half T-state before the end of RSD to add wait states If WAIT remains low the remote access is extended indefinitely All the RSD states move to their corresponding RSE states on the CPU-CLK after the programmed wait state conditions are met and WAIT is high The RSE states are looped upon until RAE REM-RD is deasserted LCL remains high in all RSE states and A remains in TRI-STATE AD will also stay in TRI- STATE if the access was to DMEM XACK is taken back high to indicate that data is now valid on the read If XACK is connected to a Remote Processor wait pin it is no longer waited and can now terminate its read cycle This state be- gins the Termination Phase The action specified in the con- ditional box is only executed while RAE REM-RD is assert- eda clock edge is not necessary In all RSE states except RSE4 (DMEM) LCL will fall a propagation delay after RAE REM-RD is deasserted In RSE4 LCL remains high through the whole state On the CPU-CLK after RAE REM-RD is deasserted RASM enters RSF1 from every RSE state except RSE4 (DMEM) In RSF1 LCL remains low and A remains in TRI-STATE while CPU-CLK is high (ie for the first half T-state of RSF1) From RSE4 RASM enters RSF2 on the CPU-CLK after RAE REM-RD is deasserted In RSF2 LCL remains high while both A and AD remain in TRI-STATE From RSF1 the next clock will return the state machine back to state RSA1 where it will loop until another Remote Access is initiated If the access was to IMEM then the last action of the remote access before returning to RSA is to switch HIB and increment the PC if the high byte was read From RSF2 the next CPU-CLK returns to state RSA3 where LCL returns low but A and AD remain TRI-STATE for the first half T-state of RSA3 If no Remote Access is initiated the next state will be RSA1 where it will loop until another Remote Access is initiated The example in Figure 4-15 shows the BCP executing the first of two consecutive Data Memory reads when REM-RD goes low In response XACK goes low waiting the remote processor At the end of the first instruction although the BCP begins its second read by taking ALE high the RASM now takes control of the bus and takes LCL high at the end of T1 A one T-state delay is built into this transfer to ensure that READ has been deasserted before the data bus is switched The Timing Control Unit is now waited inserting remote access wait states TWr as RASM takes over The remote address is permitted one T-state to settle on the BCP address bus before READ goes low XACK then re- turns high one T-state plus the programmed Data Memory wait state TWd later having satisfied the memory access time The Remote Processor will respond by deasserting REM-RD high to which the BCP in turn responds by deas- serting READ high Following READ being deasserted high the BCP waits till the end of the next T-state before taking LCL low again ensuring that the read cycle has concluded before the bus is switched Control is then returned to the Timing Control Unit and the local memory read continues 422 Latched Read This mode differs from the Buffered Read mode in the way the access is terminated A latched Read cycle ends after the data being read is valid and the termination doesn’t wait for the trailing edge of REM-RD Therefore the Arbitration and Access Phases of the Latched Read mode are the same as for the Buffered Read mode The complete flow chart for the Latched Read mode is shown in Figure 4-16 74 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |