Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 19Page - National Semiconductor (TI) DP8344B Datasheet HTML 20Page - National Semiconductor (TI) DP8344B Datasheet HTML 21Page - National Semiconductor (TI) DP8344B Datasheet HTML 22Page - National Semiconductor (TI) DP8344B Datasheet HTML 23Page - National Semiconductor (TI) DP8344B Datasheet HTML 24Page - National Semiconductor (TI) DP8344B Datasheet HTML 25Page - National Semiconductor (TI) DP8344B Datasheet HTML 26Page - National Semiconductor (TI) DP8344B Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 184 page
background image
20 CPU Description (Continued)
Shift and Rotate Instructions
The shift and rotate instructions operate on any of the 8-bit
CPU registers The BCP supports shift left shift right and
rotate operations Table 2-8 lists the shift and rotate instruc-
tions
Comparison Instructions
The BCP utilizes two comparison instructions The CMP in-
struction performs a two’s complement subtraction between
a register and immediate data The BIT instruction tests se-
lected bits in a register by ANDing it with immediate data
Neither instruction stores its results only the ALU flags are
affected Table 2-9 lists both of the comparison instructions
Program Flow Instructions
The BCP has a wide array of program flow instructions un-
conditional jumps calls and returns conditional jumps
calls and returns relative or absolute instruction addressing
on jumps and calls a specialized register field decoding
jump and software interrupt capabilities These instructions
redirect program flow by changing the Program Counter
The unconditional jump instructions support both relative in-
struction addressing the (JuMP instruction) and absolute
instruction addressing (the Long JuMP instruction) using
the following addressing modes Immediate Register Abso-
lute and Indexed Table 2-10 lists the unconditional jump
instructions and their variations
The conditional jump instructions support both relative in-
struction addressing and absolute instruction addressing us-
ing the Immediate and Absolute addressing modes The
conditional relative jump instruction tests flags in the Condi-
tion Code Register
CCR
and the Transceiver Status
Register
TSR
Two possible syntaxes are supported for
the conditional relative jump instruction see Table 2-11
Table 2-12 lists the various flags ‘‘f’’ that the conditional
JMP instruction can test and Table 2-13 lists the various
conditions ‘‘cc’’ that the Jcc instruction can test for Keep in
TABLE 2-8 Shift and Rotate Instructions
Syntax
Instruction Operation
Addressing Mode
SHL
Rsdb
Register
SHR
Rsdb
Register
ROT
Rsdb
Register
Note
‘‘b’’ e the number of bit shiftsrotates to perform
TABLE 2-9 Comparison Instructions
Syntax
Instruction Operation
Addressing Mode
CMP
rs n
register b n
Limited Register
BIT
rs n
register
n
Limited Register
Note
e
logical AND operation
TABLE 2-10 Unconditional Jump Instructions
Syntax
Instruction Operation
Operand Range
Addressing Mode
JMP
n
PC a n (sign extended)
xPC
b
128 a127
Immediate
JMP
Rs
PC a Rs (sign extended)
xPC
b
128 a127
Register
LJMP
nn
nn
xPC
0 64k
Absolute
LJMP
Ir
Ir
xPC
0 64k
Indexed
Note
PC e Program Counter contents initially points to instruction following jump
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com