Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP8344B Datasheet HTML 1Page - National Semiconductor (TI) DP8344B Datasheet HTML 2Page - National Semiconductor (TI) DP8344B Datasheet HTML 3Page - National Semiconductor (TI) DP8344B Datasheet HTML 4Page - National Semiconductor (TI) DP8344B Datasheet HTML 5Page - National Semiconductor (TI) DP8344B Datasheet HTML 6Page - National Semiconductor (TI) DP8344B Datasheet HTML 7Page - National Semiconductor (TI) DP8344B Datasheet HTML 8Page - National Semiconductor (TI) DP8344B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 184 page
background image
List of Illustrations (Continued)
System Block Diagram Showing Details of Line Interface
3-1
Biphase Encoding
3-2
32703299 Protocol Framing Format
3-3
5250 Protocol Framing Format
3-4
General Purpose 8-Bit Protocol Framing Format
3-5
Block Diagram of Transceiver Showing CPU Interface
3-6
Transmitter Output
3-7
Timing of Receiver Flags Relative to Incoming Data
3-8
3270 3299 Frame AssemblyDisassembly Description
3-9
5250 Frame AssemblyDisassembly Description
3-10
General Purpose 8-Bit Frame AssemblyDisassembly Description
3-11
BCP Receiver Design
3-12
BCP Driver Design
3-13
BCP CoaxTwisted Pair Front End
3-14
5250 Line Interface Schematic
3-15
Remote Interface Processor
4-1
Remote Interface Control Register
4-2
Generic Remote Access
4-3
Generic RIC Access
4-4
Memory Select Bits in RIC
4-5
Generic DMEM Access
4-6
Generic PC Access
4-7
Generic IMEM Access
4-8
Read from Remote Processor
4-9
Buffered Write from Remote Processor
4-10
Latched Write from Remote Processor
4-11
Minimum BCPRemote Processor Interface
4-12
Interface Mode Bits
4-13
Flow Chart of Buffered Read Mode
4-14
Buffered Read of Data Memory by Remote Processor
4-15
Flow Chart of Latched Read Mode
4-16
Latched Read of Data Memory by Remote Processor
4-17
Flow Chart of Slow Buffered Write Mode
4-18
Slow Buffered Write to Data Memory by Remote Processor
4-19
Flow Chart of Fast Buffered Write Mode4-20
Fast Buffered Write to Data Memory by Remote Processor
4-21
Flow Chart of Latched Write Mode
4-22
Latched Write to Data Memory by Remote Processor
4-23
Mistaking Two Remote Accesses as Only One
4-24
Remote Rest Time for All Modes Except Latched Write
4-25
Rest Time for Latched Write Mode
4-26
DP8344B Top View5-1
Switching Characteristic Measurement Waveforms
5-2
Data Memory Read Timing
5-3
Data Memory Write Timing
5-4
Instruction Memory Timing
5-5
Clock Timing
5-6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com